| Zakładka z wyszukiwarką danych komponentów |
|
L6205 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6205 Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 21 page ![]() 1/21 L6205 September 2003 s OPERATING SUPPLY VOLTAGE FROM 8 TO 52V s 5.6A OUTPUT PEAK CURRENT (2.8A DC) s RDS(ON) 0.3Ω TYP. VALUE @ Tj = 25 °C s OPERATING FREQUENCY UP TO 100KHz s NON DISSIPATIVE OVERCURRENT PROTECTION s PARALLELED OPERATION s CROSS CONDUCTION PROTECTION s THERMAL SHUTDOWN s UNDER VOLTAGE LOCKOUT s INTEGRATED FAST FREE WHEELING DIODES TYPICAL APPLICATIONS s BIPOLAR STEPPER MOTOR s DUAL OR QUAD DC MOTOR DESCRIPTION The L6205 is a DMOS Dual Full Bridge designed for motor control applications, realized in MultiPower- BCD technology, which combines isolated DMOS Power Transistors with CMOS and bipolar circuits on the same chip. Available in PowerDIP20 (16+2+2), PowerSO20 and SO20(16+2+2) packages, the L6205 features a non-dissipative protection of the high side PowerMOSFETs and thermal shutdown. BLOCK DIAGRAM D99IN1091A GATE LOGIC OVER CURRENT DETECTION OVER CURRENT DETECTION GATE LOGIC VCP VBOOT ENA IN1A IN2A ENB IN1B IN2B VBOOT 5V 10V VSA V SB OUT1A OUT2A OUT1B OUT2B SENSEA CHARGE PUMP VOLTAGE REGULATOR THERMAL PROTECTION VBOOT VBOOT 10V 10V BRIDGE A BRIDGE B SENSEB OCDA OCDB ORDERING NUMBERS: L6205N (PowerDIP20) L6205PD (PowerSO20) L6205D (SO20) PowerDIP20 (16+2+2) PowerSO20 SO20 (16+2+2) DMOS DUAL FULL BRIDGE DRIVER |
Podobny numer części - L6205 |
|
Podobny opis - L6205 |