| Zakładka z wyszukiwarką danych komponentów |
|
LSHD-5503D Arkusz danych(PDF) 4 Page - Lite-On Technology Corporation |
|
|
|||||||||||||||||||||||||||||
LSHD-5503D Arkusz danych(HTML) 4 Page - Lite-On Technology Corporation |
|
4 / 5 page ![]() LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only PART NO.: LSHD-5503 PAGE: 4 of 5 BNS-OD-C131/A4 ABSOLUTE MAXIMUM RATING AT Ta = 25 oC PARAMETER MAXIMUM RATING UNIT Power Dissipation Per Segment 70 mW Peak Forward Current Per Segment ( Frequency 1Khz, 15% duty cycle) 90 mA Continuous Forward Current Per Segment 25 mA Forward Current Derating from 25 0C 0.28 mA/ 0C Operating Temperature Range -35 0C to +1050C Storage Temperature Range -35 0C to +1050C Soldering Conditions : 1/16 inch below seating plane for 5 seconds at 260 0C ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25 oC PARAMETER SYMBOL MIN TYP MAX UNIT TEST CONDITION 320 Average Luminous Intensity Per Segment IV 5400 1300 17000 µcd IF = 1mA IF = 10mA Peak Emission Wavelength λp 632 nm IF = 20mA Spectral Line Half-Width ∆λ 20 nm IF = 20mA Dominant Wavelength λd 624 nm IF = 20mA Forward Voltage Per Segment VF 2.1 2.6 V IF = 20mA Reverse Current Per Segment IR 100 µA VR = 5V Luminous Intensity Matching Ratio IV-m 2 : 1 IF = 1mA Note: 1.Luminous Intensity is measured with a light sensor and filter combination that approximates the CIE (Commision Internationale De L’Eclairage) eye-response curve. 2. Reverse voltage is only for IR test. It can not continue to operate at this situation. |