| Zakładka z wyszukiwarką danych komponentów |
|
MAX707C/D Arkusz danych(PDF) 6 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX707C/D Arkusz danych(HTML) 6 Page - Maxim Integrated Products |
|
6 / 12 page ![]() MAX705–MAX708/MAX813L Low-Cost, µP Supervisory Circuits 6 Maxim Integrated _______________Detailed Description Reset Output A microprocessor’s (µP’s) reset input starts the µP in a known state. Whenever the µP is in an unknown state, it should be held in reset. The MAX705-MAX708/MAX813L assert reset during power-up and prevent code execu- tion errors during power-down or brownout conditions. On power-up, once VCC reaches 1V, RESET is a guaran- teed logic low of 0.4V or less. As VCC rises, RESET stays low. When VCC rises above the reset threshold, an inter- nal timer releases RESET after about 200ms. RESET puls- es low whenever VCC dips below the reset threshold, i.e. brownout condition. If brownout occurs in the middle of a previously initiated reset pulse, the pulse continues for at least another 140ms. On power-down, once VCC falls below the reset threshold, RESET stays low and is guar- anteed to be 0.4V or less until VCC drops below 1V. The MAX707/MAX708/MAX813L active-high RESET output is simply the complement of the RESET output, and is guaranteed to be valid with VCC down to 1.1V. Some µPs, such as Intel’s 80C51, require an active-high reset pulse. Watchdog Timer The MAX705/MAX706/MAX813L watchdog circuit moni- tors the µP’s activity. If the µP does not toggle the watch- dog input (WDI) within 1.6sec and WDI is not three-stat- ed, WDO goes low. As long as RESET is asserted or the WDI input is three-stated, the watchdog timer will stay cleared and will not count. As soon as reset is released and WDI is driven high or low, the timer will start counting. Pulses as short as 50ns can be detected. Typically, WDO will be connected to the non-maskable interrupt input (NMI) of a µP. When VCC drops below the reset threshold, WDO will go low whether or not the watchdog timer has timed out yet. Normally this would trigger an NMI interrupt, but RESET goes low simultane- ously, and thus overrides the NMI interrupt. If WDI is left unconnected, WDO can be used as a low- line output. Since floating WDI disables the internal timer, WDO goes low only when VCC falls below the reset threshold, thus functioning as a low-line output. The MAX705/MAX706 have a watchdog timer and a RESET output. The MAX707/MAX708 have both active- high and active-low reset outputs. The MAX813L has both an active-high reset output and a watchdog timer. Manual Reset The manual-reset input (MR) allows reset to be triggered by a pushbutton switch. The switch is effectively debounced by the 140ms minimum reset pulse width. MR is TTL/CMOS logic compatible, so it can be driven by an external logic line. MR can be used to force a watch- dog timeout to generate a reset pulse in the MAX705/ MAX706/MAX813L. Simply connect WDO to MR. WATCHDOG TRANSITION DETECTOR WATCHDOG TIMER TIMEBASE FOR RESET AND WATCHDOG RESET GENERATOR VCC 250 µA 8 WDO 7 RESET (RESET) 5 PFO GND 3 1.25V 4.65V* * 4.40V FOR MAX7O6. ( ) ARE FOR MAX813L ONLY. 6 WDI 1 MR 2 VCC 4 PFI MAX705 MAX706 MAX813L Figure 1. MAX705/MAX706/MAX813L Block Diagram RESET GENERATOR VCC 250 µA 8 RESET 7 RESET 5 PFO GND 3 1.25V 4.65V* * 4.40V FOR MAX7O6. 1 MR 2 VCC 4 PFI MAX707 MAX708 Figure 2. MAX707/MAX708 Block Diagram |