| Zakładka z wyszukiwarką danych komponentów |
|
HCPL-5301 Arkusz danych(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HCPL-5301 Arkusz danych(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 15 page ![]() 2 Selection Guide-Lead Configuration Options Avago Part # and Options Commercial HCPL-5300 MIL-PRF-38534, Class H HCPL-5301 MIL-PRF-38534, Class K HCPL-530K Standard Lead Finish Gold Plate Solder Dipped* Option #200 Butt Cut/Gold Plate Option #100 Gull Wing/Soldered* Option #300 Class H SMD Part # Prescript for all below 5962- Gold Plate 9685201HPC Solder Dipped* 9685201HPA Butt Cut/Gold Plate 9685201HYC Butt Cut/Soldered* 9685201HYA Gull Wing/Soldered* 9685201HXA Class K SMD Part # Prescript for all below 5962- Gold Plate 9685201KPC Solder Dipped* 9685201KPA Butt Cut/Gold Plate 9685201KYC Butt Cut/Soldered* 9685201KYA Gull Wing/Soldered* 9685201KXA *Solder contains lead. Outline Drawing 3.81 (0.150) MIN. 4.32 (0.170) MAX. 9.40 (0.370) 9.91 (0.390) 0.51 (0.020) MAX. 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) MIN. 0.76 (0.030) 1.27 (0.050) 8.13 (0.320) MAX. 7.36 (0.290) 7.87 (0.310) 0.20 (0.008) 0.33 (0.013) 7.16 (0.282) 7.57 (0.298) NOTE: DIMENSIONS IN MILLIMETERS (INCHES). |