| Zakładka z wyszukiwarką danych komponentów |
|
PE42821 Arkusz danych(PDF) 1 Page - Peregrine Semiconductor |
|
|
|||||||||||||||||||||||||||||
PE42821 Arkusz danych(HTML) 1 Page - Peregrine Semiconductor |
|
1 / 12 page ![]() Document No. DOC-13714-3 │ www.psemi.com Page 1 of 12 ©2012-2013 Peregrine Semiconductor Corp. All rights reserved. Figure 2. Package Type 32-lead 5x5 mm QFN Product Description The PE42821 is a HaRP™ technology-enhanced high power reflective SPDT RF switch designed for use in mobile radio, relay replacement and other high performance wireless applications. This switch is a pin-compatible faster switching version of the PE42820. It maintains high linearity and power handling from 100 MHz through 2.7 GHz. PE42821 also features low insertion loss and is offered in a 32-lead 5x5 mm QFN package. In addition, no external blocking capacitors are required if 0V DC is present on the RF ports. The PE42821 is manufactured on Peregrine’s UltraCMOS® process, a patented variation of silicon-on- insulator (SOI) technology on a sapphire substrate. Peregrine’s HaRP™ technology enhancements deliver high linearity and excellent harmonics performance. It is an innovative feature of the UltraCMOS® process, offering the performance of GaAs with the economy and integration of conventional CMOS. Product Specification Figure 1. Functional Diagram PE42821 Features High power handling 45 dBm @ 850 MHz, 32W 44 dBm @ 2 GHz, 25W High linearity 82 dBm IIP3 @ 850 MHz 76 dBm IIP3 @ 2.7 GHz Low insertion loss 0.35 dB @ 850 MHz 0.60 dB @ 2 GHz Fast switching time of 4 µs (bypass mode) Wide supply range of 2.3V to 5.5V +1.8V control logic compatible ESD performance 1.5kV HBM on all pins External negative supply option DOC-52312 UltraCMOS® SPDT RF Switch 100 - 2700 MHz |
Podobny numer części - PE42821 |
|
Podobny opis - PE42821 |