| Zakładka z wyszukiwarką danych komponentów |
|
MPC8349EVVALFB Arkusz danych(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8349EVVALFB Arkusz danych(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 87 page ![]() MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13 Freescale Semiconductor 11 Power Characteristics Table 5 shows the estimated typical I/O power dissipation for MPC8349EA. 2 Typical power is based on a voltage of V DD = 1.2 V, a junction temperature of TJ = 105°C, and a Dhrystone benchmark application. 3 Thermal solutions may need to design to a value higher than typical power based on the end application, T A target, and I/O power. 4 Maximum power is based on a voltage of V DD = 1.2 V, worst case process, a junction temperature of TJ =105°C, and an artificial smoke test. 5 Typical power is based on a voltage of V DD = 1.3 V, a junction temperature of TJ = 105°C, and a Dhrystone benchmark application. 6 Maximum power is based on a voltage of V DD = 1.3 V, worst case process, a junction temperature of TJ =105°C, and an artificial smoke test. Table 5. MPC8349EA Typical I/O Power Dissipation Interface Parameter GVDD (1.8 V) GVDD (2.5 V) OVDD (3.3 V) LVDD (3.3 V) LVDD (2.5 V) Unit Comments DDR I/O 65% utilization 2.5 V Rs = 20 Ω Rt = 50 Ω 2 pair of clocks 200 MHz, 32 bits 0.31 0.42 — — — W — 200 MHz, 64 bits 0.42 0.55 — — — W — 266 MHz, 32 bits 0.35 0.5 — — — W — 266 MHz, 64 bits 0.47 0.66 — — — W — 300 MHz, 32 bits 0.37 0.54 — — — W — 300 MHz, 64 bits 0.50 0.7 — — — W — 333 MHz, 32 bits 0.39 0.58 — — — W — 333 MHz, 64 bits 0.53 0.76 — — — W — 400 MHz, 32 bits 0.44 ———— — — 400 MHz, 64 bits 0.59 ———— — — PCI I/O load = 30 pF 33 MHz, 64 bits — — 0.08 — — W — 66 MHz, 64 bits — — 0.14 — — W — 33 MHz, 32 bits — — 0.04 — — W Multiply by 2 if using 2ports. 66 MHz, 32 bits — — 0.07 — — W Local bus I/O load = 25 pF 133 MHz, 32 bits — — 0.27 — — W — 83 MHz, 32 bits — — 0.17 — — W — 66 MHz, 32 bits — — 0.14 — — W — 50 MHz, 32 bits — — 0.11 — — W — TSEC I/O load = 25 pF MII — — — 0.01 — W Multiply by number of interfaces used. GMII or TBI — — — 0.06 — W RGMII or RTBI ———— 0.04 W USB 12 MHz — — 0.01 — — W Multiply by 2 if using 2ports. 480 MHz — — 0.2 — — W Other I/O — — — 0.01 — — W — |