| Zakładka z wyszukiwarką danych komponentów |
|
AX3FB Arkusz danych(PDF) 4 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
AX3FB Arkusz danych(HTML) 4 Page - Amphenol Corporation |
|
4 / 6 page ![]() ENTERTAINMENT INTERCONNECT CATALOGUE - Amphenol Australia Pty Ltd Telephone 61 3 8796 8888 Fax 61 3 8796 8801 www.amphenolaudio.com 2 AX SERIES XLR CABLE CONNECTORS ISO VIEW OF AX SERIES XLR CABLE CONNECTOR One piece ground / latch spring design incorporating twin wipe contacts for a direct connection path from mating shell to ground providing enhanced connection and EMI performance Leading first mate last break socket contact (Pin 1) Precision socket contacts with compact solder buckets reduce termination time and material wastage during soldering. Concentric socket contact design provides optimal contact resistance Chuck style cable clamp c/w split opening for the widest cable acceptance range Overmolded boot with flex bend relief for improved aesthetics, cable protection and boot retention. Oversized ergonomic latch for quick and easy mating O-ring provides vibration resistance and sealing. Ergonomic sleeve with integrated expansion ring. Channel I.D capability. Zinc Diecast Shell for robustness and wear resistance. Concealed latching point for improved aesthetics, sealing and strength. Ground solder tag. Ground solder tag. Precision Machined Pin contacts with compact solder buckets reduce termination time and material wastage during soldering. |