| Zakładka z wyszukiwarką danych komponentów |
|
MCP4342104E/ST Arkusz danych(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4342104E/ST Arkusz danych(HTML) 5 Page - Microchip Technology |
|
5 / 80 page ![]() © 2009 Microchip Technology Inc. DS22233A-page 5 MCP434X/436X Resistance (± 20%) RAB 4.0 5 6.0 k Ω -502 devices (Note 1) 8.0 10 12.0 k Ω -103 devices (Note 1) 40.0 50 60.0 k Ω -503 devices (Note 1) 80.0 100 120.0 k Ω -104 devices (Note 1) Resolution N 257 Taps 8-bit No Missing Codes 129 Taps 7-bit No Missing Codes Step Resistance RS —RAB / (256) — Ω 8-bit Note 6 —RAB / (128) — Ω 7-bit Note 6 Nominal Resistance Match (| RABWC - RABMEAN |) / RABMEAN — 0.2 1.50 % MCP43X1 devices only — 0.2 1.25 % —0.2 1.0 % —0.2 1.0 % (| RBWWC - RBWMEAN |) / RBWMEAN — 0.25 1.75 % Code = Full Scale —0.25 1.50 % —0.25 1.25 % —0.25 1.25 % Wiper Resistance (Note 3, Note 4) RW — 75 160 Ω VDD = 5.5 V, IW = 2.0 mA, code = 00h — 75 300 Ω VDD = 2.7 V, IW = 2.0 mA, code = 00h Nominal Resistance Tempco ΔR AB/ΔT — 50 — ppm/°C TA = -20°C to +70°C — 100 — ppm/°C TA = -40°C to +85°C — 150 — ppm/°C TA = -40°C to +125°C Ratiometeric Tempco ΔV WB/ΔT — 15 — ppm/°C Code = Midscale (80h or 40h) AC/DC CHARACTERISTICS (CONTINUED) DC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature –40°C ≤ T A ≤ +125°C (extended) All parameters apply across the specified operating ranges unless noted. VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices. Typical specifications represent values for VDD = 5.5V, TA = +25°C. Parameters Sym Min Typ Max Units Conditions Note 1: Resistance is defined as the resistance between terminal A to terminal B. 2: INL and DNL are measured at VW with VA = VDD and VB = VSS. 3: MCP43X1 only. 4: MCP43X2 only, includes VWZSE and VWFSE. 5: Resistor terminals A, W and B’s polarity with respect to each other is not restricted. 6: This specification by design. 7: Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and temperature. 8: The MCP43X1 is externally connected to match the configurations of the MCP43X2, and then tested. 9: POR/BOR is not rate dependent. 10: Supply current is independent of current through the resistor network. |