| Zakładka z wyszukiwarką danych komponentów |
|
MCP4342104E/ML Arkusz danych(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4342104E/ML Arkusz danych(HTML) 57 Page - Microchip Technology |
|
57 / 80 page ![]() © 2009 Microchip Technology Inc. DS22233A-page 57 MCP434X/436X 7.7.2 CONTINUOUS INCREMENTS Continuous Increments are possible only when writing to the volatile memory registers (address 00h, and 01h). Figure 7-7 shows a Continuous Increment sequence for three continuous writes. The writes do not need to be to the same volatile memory address. When executing an continuous Increment commands, the selected wiper will be altered from n to n+1 for each Increment command received. The wiper value will increment up to 100h on 8-bit devices and 80h on 7-bit devices. After the wiper value has reached Full Scale (8-bit =100h, 7-bit =80h), the wiper value will not be incremented further. If the Wiper register has a value between 101h and 1FFh, the Increment command is disabled. Increment commands can be sent repeatedly without raising CS until a desired condition is met. The value in the Volatile Wiper register can be read using a Read Command and written to the corresponding Non-Volatile Wiper EEPROM using a Write Command. When executing a continuous command string, the Increment command can be followed by any other valid command. The wiper terminal will move after the command has been received (8th clock). After the wiper is incremented to the desired position, the CS pin should be forced to VIH to ensure that unexpected transitions (on the SCK pin do not cause the wiper setting to change). Driving the CS pin to VIH should occur as soon as possible (within device specifications) after the last desired increment occurs. FIGURE 7-7: Continuous Increment Command - SDI and SDO States. A D 3 A D 2 A D 1 A D 0 0 1 XXA D 3 A D 2 A D 1 A D 0 0 1 XXA D 3 A D 2 A D 1 A D 0 01 X X 111111 1* 1111111 1* 1111111 1* 1 Note 1, 2 111111 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Note 3, 4 1111111 1111111 0 0 0 0 0 0 0 0 0 0 Note 3, 4 1111111 111111111111111 0 0 Note 3, 4 (INCR COMMAND (n+1)) (INCR COMMAND (n+2)) (INCR COMMAND (n+3)) SDI SDO COMMAND BYTE COMMAND BYTE COMMAND BYTE Note 1: Only functions when writing the volatile wiper registers (AD3:AD0) 0h and 1h. 2: Valid Address/Command combination. 3: Invalid Address/Command combination. 4: If an Error Condition occurs (CMDERR = L), all following SDO bits will be low until the CMDERR condition is cleared (the CS pin is forced to the inactive state). |