| Zakładka z wyszukiwarką danych komponentów |
|
MCP4342T103E/ML Arkusz danych(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4342T103E/ML Arkusz danych(HTML) 51 Page - Microchip Technology |
|
51 / 80 page ![]() © 2009 Microchip Technology Inc. DS22233A-page 51 MCP434X/436X TABLE 7-3: COMMANDS Command Name # of Bits Writes Value in EEPROM Operates on Volatile/ Non-Volatile memory High Voltage (VIHH) on CS pin? Impact on WiperLock or Write Protect Works when Wiper is “locked”? Write Data 16-Bits Yes (1) Both — unlocked (1) No Read Data 16-Bits — Both — unlocked (1) No Increment Wiper 8-Bits — Volatile Only — unlocked (1) No Decrement Wiper 8-Bits — Volatile Only — unlocked (1) No High Voltage Write Data 16-Bits Yes Both Yes unchanged No High Voltage Read Data 16-Bits — Both Yes unchanged Yes High Voltage Increment Wiper 8-Bits — Volatile Only Yes unchanged No High Voltage Decrement Wiper 8-Bits — Volatile Only Yes unchanged No Modify Write Protect or Wiper- Lock Technology (High Voltage) - Enable 8-Bits — (2) Non-Volatile Only (2) Yes locked/ protected (2) Yes Modify Write Protect or Wiper- Lock Technology (High Voltage) - Disable 8-Bits — (3) Non-Volatile Only (3) Yes unlocked/ unprotected (3) Yes Note 1: This command will only complete if wiper is “unlocked” (WiperLock Technology is Disabled). 2: If the command is executed using address 02h, 03h, 08h, or 09h then that corresponding wiper is locked or if with address 0Fh, then Write Protect is enabled. 3: If the command is executed using with address 02h, 03h, 08h, or 09h, then that corresponding wiper is unlocked or if with address 0Fh, then Write Protect is disabled. |