| Zakładka z wyszukiwarką danych komponentów |
|
MCP4361T503E/ML Arkusz danych(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4361T503E/ML Arkusz danych(HTML) 20 Page - Microchip Technology |
|
20 / 80 page ![]() MCP434X/436X DS22233A-page 20 © 2009 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-17: 10 k Ω Pot Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V). FIGURE 2-18: 10 k Ω Pot Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V). FIGURE 2-19: 10 k Ω – Nominal Resistance ( Ω) vs. Ambient Temperature and V DD. FIGURE 2-20: 10 k Ω Rheo Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V). FIGURE 2-21: 10 k Ω Rheo Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V). FIGURE 2-22: 10 k Ω – R WB (Ω) vs. Wiper Setting and Ambient Temperature. 20 40 60 80 100 120 0 25 50 75 100 125 150 175 200 225 250 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 10000 10050 10100 10150 10200 10250 -40 0 40 80 120 Ambient Temperature (°C) 5.5V 2.7V 20 40 60 80 100 120 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -1 -0.5 0 0.5 1 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL R W -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 25 50 75 100 125 150 175 200 225 250 Wiper Setting (decimal) -2 -1 0 1 2 3 4 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL R W -40°C 25°C 85°C 125°C 0 2000 4000 6000 8000 10000 12000 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -40°C 25°C 85°C 125°C |