| Zakładka z wyszukiwarką danych komponentów |
|
PIC12F509I/ST Arkusz danych(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509I/ST Arkusz danych(HTML) 19 Page - Microchip Technology |
|
19 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 19 PIC12F508/509/16F505 FIGURE 4-3: PIC12F508 REGISTER FILE MAP FIGURE 4-4: PIC12F509 REGISTER FILE MAP FIGURE 4-5: PIC16F505 REGISTER FILE MAP File Address 00h 01h 02h 03h 04h 05h 06h 07h 1Fh INDF(1) TMR0 PCL STATUS FSR OSCCAL GPIO General Purpose Registers Note 1: Not a physical register. See Section 4.9 “Indirect Data Addressing: INDF and FSR Registers”. File Address 00h 01h 02h 03h 04h 05h 06h 07h 1Fh INDF(1) TMR0 PCL STATUS FSR OSCCAL GPIO 0Fh 10h Bank 0 Bank 1 3Fh 30h 20h 2Fh General Purpose Registers General Purpose Registers General Purpose Registers Addresses map back to addresses in Bank 0. Note 1: Not a physical register. See Section 4.9 “Indirect Data Addressing: INDF and FSR Registers”. FSR<5> 0 1 File Address 00h 01h 02h 03h 04h 05h 06h 07h 1Fh INDF(1) TMR0 PCL STATUS FSR OSCCAL PORTB 0Fh 10h Bank 0 Bank 1 3Fh 30h 20h 2Fh General Purpose Registers General Purpose Registers General Purpose Registers Addresses map back to addresses in Bank 0. Note 1: Not a physical register. See Section 4.9 “Indirect Data Addressing: INDF and FSR Registers”. FSR<6:5> 00 01 Bank 3 7Fh 70h 60h 6Fh General Purpose Registers 11 Bank 2 5Fh 50h 40h 4Fh General Purpose Registers 10 08h PORTC |