Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MGA-636P8 Arkusz danych(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Numer części MGA-636P8
Szczegółowy opis  High Linearity Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-636P8 Arkusz danych(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-636P8 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Simplified Schematic [1]
Note:
1. Device is turned ON when PwrDwn pin is applied with 0 V or left
open. Device is turned OFF when PwrDwn pin is applied with 3.3 V.
Absolute Maximum Rating [1] TA=25° C
Symbol
Parameter
Units
Absolute Maximum
Vdd
Device Voltage,
RF output to ground
V
5.5
Idd
Drain Current
mA
130
Vbias1
Bias Voltage
V
5.5
VPwrDwn
Power Down Voltage
V
5.5
Pin,max
CW RF Input Power
dBm
+24
Pdiss
Total Power Dissipation
W
0.72
Tj
Junction Temperature
°C
150
Tstg
Storage Temperature
°C
-65 to 150
Thermal Resistance
Thermal Resistance [2]
(Vdd = 4.8 V, Idd = 108 mA)
θjc = 79.6°C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Thermal resistance measured using Infra-Red
Measurement Technique.
3. Power dissipation with unit turned on. Board
temperature Tc is 25° C. Derate at 12.6 mW/°C
for TC > 93° C.
RFin
Bias
RFout
L2
L1
R1
C2
[5]
[Vbias1]
[6]
[PwrDwn]
[7]
[RFoutput]
[8]
[NU]
[4]
[NU]
[3]
[Vbias2]
[2]
[RFinput]
[1]
[NU]
R2
C6
C7
C3
C4
C5
Rb
C1
L3
Vbias1
C8
PwrDwn
Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com