Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

640468-3 Arkusz danych(PDF) 41 Page - Tyco Electronics

Numer części 640468-3
Szczegółowy opis  MTA, CST-100 II, SL-156 and AMP Economy Power Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

640468-3 Arkusz danych(HTML) 41 Page - Tyco Electronics

Back Button 640468-3 Datasheet HTML 37Page - Tyco Electronics 640468-3 Datasheet HTML 38Page - Tyco Electronics 640468-3 Datasheet HTML 39Page - Tyco Electronics 640468-3 Datasheet HTML 40Page - Tyco Electronics 640468-3 Datasheet HTML 41Page - Tyco Electronics 640468-3 Datasheet HTML 42Page - Tyco Electronics 640468-3 Datasheet HTML 43Page - Tyco Electronics 640468-3 Datasheet HTML 44Page - Tyco Electronics 640468-3 Datasheet HTML 45Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
41
Crimp Snap-in Contacts
Material and Finish
Contacts — Phosphor bronze,
tin plated
.110
[2.79]
.105
[2.67]
.580
[14.73]
.165
[4.19]
Max.
Wire Size
Part Nos.
AWG
mm2
Loose Piece*
Strip**
26–22
.12–0.3
640557-3
640556-3
22–18
0.3–0.9
640559-3
640558-3
**Hand Tool No. 59837-1 (408-6528)
**AMP-O-LECTRIC Model “G” Termination
Machine (Request Catalog 65828)
Note: Requires applicator. For part number,
call Technical Support.
Special applications for crimp snap-in contacts are:
1. Double wire per contact
2. Coax or shielded wire
3. Mixed wire size in same connector
Note: Only one crimp snap-in contact per connector.
Wire Size
Part Numbers
AWG
mm2
Tin Plated
.000030 [0.00076]
.000015 [0.00038]
Gold Plated
Gold Plated
18
0.8–0.9
640631-3
641143-4
641143-3
20
0.5–0.6
640632–3
641144-4
641144-3
22
0.3–0.4
640633-3
641145-4
641145-3
24
0.2
640634-3
641146-4
641146-3
26
0.12–0.15
640635-3
641147-4
641147-3
Replacement IDC Contacts
Material and Finish
Contacts — Phosphor bronze, post tin
plated; .000030 [0.00076] or .000015
[0.00038] post gold plated over nickel
Note: Tyco Electronics does not rec-
ommend terminating an MTA
contact more than one time.
Use replacement contacts
when required for field repairs
or wire changes.
.637
[16.18]
.125
[3.18]
MTA-156 Connector Accessories (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84