| Zakładka z wyszukiwarką danych komponentów |
|
GTCX36-900M-R10 Arkusz danych(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
GTCX36-900M-R10 Arkusz danych(HTML) 1 Page - Tyco Electronics |
|
1 / 6 page ![]() Gas Discharge Tubes GTCX36-XXXM-R10 Series Gas Discharge Tubes Document: SCD27380 © 2008, 2011 Tyco Electronics Corporation. Status: Released a TE Connectivity Ltd. Company. All rights reserved. Rev: C Date: MAY 18, 2011 1 Benefits: Compact, small form factor suitable for efficient assembly Helps provide overvoltage fault protection against high energy surges Suitable for high-frequency applications Features: 3Pole, 6mm devices Broad voltage range from 75V-600V Various form factors: surface-mount, leaded, no leads Optional fail-short mechanism on some devices Low capacitance and insertion loss Crowbar overvoltage protection UL 497B recognized RoHS compliant Devices tested per ITU K.12 recommendations Non-radioactive materials Applications: Telecommunications • Industrial and consumer electronics, such as - MDF modules, xDSL equipment, RF system - Surge protectors protection, antenna, base station - Alarm system TE Circuit Protection 6mm 3Pole GDTs (ceramic gas discharge tubes), are commonly used to help protect sensitive telecom equipment such as communication lines, signal lines and data transmission lines from damage caused by transient surge voltages that typically result from lightning strikes and equipment switching operations. TE Circuit Protection GDTs offer a high level of surge protection, low capacitance and a broad array of breakover voltage levels, making them suitable for applications such as MDF (Main Distribution Frame) modules, high data-rate telecom applications (e.g. ADSL, VDSL), and surge protection on power lines. Raychem Circuit Protection GDTs can help equipment meet the most stringent regulatory standards. |
Podobny numer części - GTCX36-900M-R10 |
|
Podobny opis - GTCX36-900M-R10 |