| Zakładka z wyszukiwarką danych komponentów |
|
MPA206N Arkusz danych(PDF) 87 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
MPA206N Arkusz danych(HTML) 87 Page - Tyco Electronics |
|
87 / 326 page ![]() C11 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C TT Series Toggle Switches, Tiny, Vertical and Vertical Right Angle, PC Mount TT41NGPC9T1/4 TT21NGPC9T1/4 1 & 2 POLE TT11DGPC9T14 .100 (2.54) TYP. .100 (2.54) TYP. .200 (5.08) .043 (1.09) DIA. .043 (1.09) DIA. .020 DP. X .040W (0.51 DP. X 1.00) KEYWAY 26¡ .100 (2.54) DIA. .421 (10.69) .311 (7.90) .348 (8.84) .129 (3.28) .320 (8.10) .206 (5.23) .363 (9.22) .281 (7.14) DIA. .020 (0.51) TYP. 1/4 - 40 UNS-2A 3 2 1 3 2 1 6 5 4 1 & 2 POLE TT11DGVRA1 Vertical Actuation TT21NGVRA1 Vertical Actuation .172 (4.37) .236 (6.00) .186 (4.72) DIA. .190 (4.80) DIA. .200 (5.10) TYP. .150 (3.80) .020 (0.51) TYP. .130 (3.30) .195 (4.95) .345 (8.76) .364 (9.25) .216 (5.49) .221 (5.61) 26¡ .100 (2.50) DIA. .320 (8.10) .030 (0.76) TYP. .206 (5.23) .200 (5.10) .200 (5.08) .043 (1.09) TYP. DIA. .043 (1.09) TYP. DIA. .100 (2.54) TYP. .363 (9.22) .030 (0.76) TYP. .100 (2.54) TYP. .200 (5.08) .200 (5.08) .100 (2.54) TYP. 3 2 1 3 2 1 6 5 4 .172 (4.37) .200 (5.10) TYP. .150 (3.80) .020 (0.51) TYP. .130 (3.30) .345 (8.76) .195 (4.95) .364 (9.25) .216 (5.49) .381 (9.68) 26¡ 10-48 UNS-2A .100 (2.50) DIA. .320 (8.10) .030 (0.76) TYP. .206 (5.23) .200 (5.10) .200 (5.08) .043 (1.09) TYP. DIA. .043 (1.09) TYP. DIA. .100 (2.54) TYP. .363 (9.22) .030 (0.76) TYP. .100 (2.54) TYP. .200 (5.08) .200 (5.08) .100 (2.54) TYP. 3 2 1 3 2 1 6 5 4 Tyco Alcoswitch Type Act. Code P. M5 Electronics 2-1437561-5 TT11AGPC9T1/4 SPST A On None Off 3-1437561-5 TT11DGPC9T1/4 SPDT D On None On 5-1437561-9 TT11EGPC9T1/4 SPDT E On Off On 7-1437561-3 TT11FGPC9T1/4 SPDT F On None On 1437562-1 TT21KGPC9T1/4 DPST K On None Off Note: No center terminal on "A" or "K" switches. Tyco Alcoswitch Type Act. Code P. M5 Electronics 1-1437562-1 TT21NGPC9T1/4 DPDT N On None On 3-1437562-8 TT21PGPC9T1/4 DPDT P On Off On 4-1437562-6 TT21RGPC9T1/4 DPDT R On None (On) 6-1437562-8 TT41NGPC9T1/4 4PDT N On None On 7-1437562-5 TT41PGPC9T1/4 4PDT P On Off On (On) indicates momentary position. Tyco Alcoswitch Type Act. Code P. M5 Electronics 4-1437561-8 TT11DGVRA1 SPDT D On None On 6-1437561-9 TT11EGVRA1 SPDT E On Off On 2-1437562-2 TT21NGVRA1 DPDT N On None On 4-1437562-3 TT21PGVRA1 DPDT P On Off On 1 & 2 POLE TT11DGVRA3T Vertical Actuation SEE PAGE C8 FOR PRODUCT SPECIFICATIONS Tyco Alcoswitch Type Act. Code P. M5 Electronics 4-1437561-9 TT11DGVRA3T SPDT D On None On 7-1437561-0 TT11EGVRA3T SPDT E On Off On 2-1437562-3 TT21NGVRA3T DPDT N On None On TT21NGVRA3T Vertical Actuation For terminal connections refer to Code Chart on page M5-6 4 POLE Note: Hardware Included |