| Zakładka z wyszukiwarką danych komponentów |
|
ADE02SA Arkusz danych(PDF) 38 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE02SA Arkusz danych(HTML) 38 Page - Tyco Electronics |
|
38 / 326 page ![]() ASE/F Series B10 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 B Slide Switches, Auto-insertable, Through Hole and Surface Mount PAD LAYOUT PC LAYOUT .350 (8.69) MIN. .200 (5.08) MAX. .100 (2.54) TYP. REVERSE “S” PAD .410 (10.41) MIN. .240 (6.10) MAX. .040 (1.02) MIN. TYP. .040 (1.02) MIN. TYP. .100 (2.54) TYP. “L” PAD + + + + CIRCUIT DIAGRAMS NOTE: For SPDT requirements order DPDT version and use either set of contacts for SPDT switching. 1 2 3 1 2 3 4P3T 1 2 1 2 1 2 6PDT 1 2 1 2 1 2 4PDT DPDT 1 2 3 1 2 3 1 2 1 2 1 2 1 2 1 2 1 2 Jumpered Pins .100 (2.54) Typ. .300 (7.62) .031 (0.79) Dia. Typ. |