| Zakładka z wyszukiwarką danych komponentów |
|
ADE06SA Arkusz danych(PDF) 47 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE06SA Arkusz danych(HTML) 47 Page - Tyco Electronics |
|
47 / 326 page ![]() TSD21DDG1RA TSD21DDGRA TSS Series B19 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 B Slide Switches, Right Angle, Single or Dual Actuator SEE PAGE B18 FOR PRODUCT SPECIFICATIONS .400 (10.20) .220 (5.59) .105 (2.67) .110 (2.79) 12 3 .030 (.762) .320 (8.13) .030 (.762) TYP. .175 (4.45) .226 (5.74) .130 (3.30) .380 (9.65) .100 (2.54) SQ. .206 (5.23) .020 (.508) TYP. .043 (1.09) TYP. DIA. .100 (2.54) TYP. .200 (5.08) .030 (.762) .030 (.762) TYP. .175 (4.45) .226 (5.74) .130 (3.30) .380 (9.65) SPDT SPDT (DUAL) .400 (10.2) .220 (5.59) .105 (2.67) .110 (2.79) 45 6 1 23 .130 (3.30) .320 (8.13) .030 (.762) TYP. .175 (4.45) .383 (9.73) .130 (3.30) .380 (9.65) .100 (2.54) SQ. .100 (2.54) SQ. .360 (9.14) .160 (4.06) .020 (.508) TYP. .043 (1.09) TYP. DIA. .100 (2.54) TYP. .100 (2.54) .200 (5.08) .130 (3.30) .030 (.762) TYP. .175 (4.45) .383 (9.73) .380 (9.65) .400 (10.20) .220 (5.59) .105 (2.67) .110 (2.79) .130 (3.30) .030 (.762) TYP. .175 (4.45) .383 (9.73) .130 (3.30) .380 (9.65) .100 (2.54) SQ. .360 (9.14) .043 (1.09) TYP. DIA. .100 (2.54) TYP. .100 (2.54) .200 (5.08) 45 6 12 3 .320 (8.13) .020 (.508) TYP. .130 (3.30) .030 (.762) TYP. .175 (4.45) .383 (9.73) .130 (3.30) .380 (9.65) DPDT TSS21NGRA TSS21PG1RA 4PDT .110 (2.79) .234 (5.94) .256 (6.50) 4 5 6 10 11 12 12 3 7 8 9 .130 (3.30) .360 (9.14) .030 (.762) TYP. .383 (9.73) .620 (15.8) .130 (3.30) .320 (8.13) .235 (5.97) .020 (.508) TYP. .100 (2.54) .100 (2.54) TYP. .200 (5.08) .100 (2.54) TYP. .043 (1.09) TYP. DIA. TSS41NGRA TSS11DG1RA Extended Actuator Act. Code Flush Actuator Act. Code Tyco Electronics Alcoswitch Type P. M6 Tyco Electronics Alcoswitch Type P. M6 1-1437579-1 TSS11DGRA SPDT D On None On 1437579-9 TSS11DG1RA SPDT D On None On 1-1437579-5 TSS11EGRA SPDT E On Off On 1-1437579-3 TSS11EG1RA SPDT E On Off On Extended Actuator Act. Code Flush Actuator Act. Code Tyco Electronics Alcoswitch Type P. M6 Tyco Electronics Alcoswitch Type P. M6 1437579-6 TSD21DDGRA 2 x SPDT D On None On 1437579-4 TSD21DDG1RA 2 x SPDT D On None On 1437579-7 TSD21EEGRA 2 x SPDT E On Off On — TSD21EEG1RA 2 x SPDT E On Off On Extended Actuator Act. Code Flush Actuator Act. Code Tyco Electronics Alcoswitch Type P. M6 Tyco Electronics Alcoswitch Type P. M6 — TSS21PAGRA SP3T PA On On On — TSS21NG1RA DPDT N On None On 2-1437579-0 TSS21NGRA DPDT N On None On — TSS21PG1RA DPDT P On Off On 2-1437579-4 TSS21PGRA DPDT P On Off On Extended Actuator Act. Code Tyco Electronics Alcoswitch Type P. M6 2-1437579-7 TSS41NGRA 4PDT N On None On TSS11DGRA |