| Zakładka z wyszukiwarką danych komponentów |
|
ADE09 Arkusz danych(PDF) 100 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE09 Arkusz danych(HTML) 100 Page - Tyco Electronics |
|
100 / 326 page ![]() C24 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Gemini Series Toggle Switches, A Series, Options .250 (6.35) .050 (1.27) Epoxy Seal .189 (4.80) 6 5 4 3 2 1 3 2 1 .073 (1.85) Dia. Typ. .185 (4.70) .073 (1.85) Dia. Typ. .185 (4.70) .190 (4.83) TERMINALS Z Wire Lug H 1/4-40 Thread Flanged, .30“ long BUSHINGS Y 1/4-40 Thread .35“ long, slotted (Standard) D9 Unthreaded .28“ long D 1/4-40 Thread .28“ long, slotted C W Threaded Splashproof .280 (7.11) .028 (.711) 1/4-40NS .314 (7.98) Dia. .040 (1.02) .300 (7.62) 1/4-40NS .060 (1.52) .315 (8.00) Dia. .225 (5.72) Dia. .280 (7.11) .028 (.711) 1/4-40NS .314 (7.98) Dia. .040 (1.02) .080 (2.03) .078 (1.98) .155 (3.94) Epoxy Seal .078 (1.98) .047 (1.19) Mates with Tyco 61454 or 60900. Z3 Quick Connect W Wire Wrap "A" .050 (1.27) Epoxy Seal C Printed Circuit .280 (7.10) .028 (.711) .250 (6.35) Dia. .040 (1.02) .294 (7.47) 1/4-40NS O-Ring .225 (5.72) .465 (11.81) .060 (1.52) .030 (.762) .250 (6.35) .062 (1.57) Epoxy Seal .280 (7.11) .028 (.711) .205 (5.21) .250 (6.35) DIA. .040 (1.02) Used with Z, C & W terminations Used with A, AV2, V30 V80 & V90 terminations For S & M Toggles Single pole Double pole .750 |