| Zakładka z wyszukiwarką danych komponentów |
|
R10-R2X3DC Arkusz danych(PDF) 5 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
R10-R2X3DC Arkusz danych(HTML) 5 Page - Tyco Electronics |
|
5 / 6 page ![]() General Purpose Relays Industrial Relays R10 Series Panel Plug-in Relay (Continued) 08-2011, Rev. 0811 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 5 Potter & Brumfield Product code structure Typical product code R10 -E 1 Y 4 -V700 Type R10 Cradle-style relay with form C contacts R10S Super sensitive cradle-style relay with form C contacts Case style E Non-sealed polycarbonate dust cover (RTI) R Wash-tight (RTIII), tape sealed plastic case 1) T Octal style base on non-sealed polycarbonate dust cover (terminal types 1 & 2 only; 1, 2 & 3 poles only) 1) R10 type only, terminal code 2 or 9 only, no ground or stud Terminal and mounting 1 Solder/Plug-in terminals with #3-48 mounting stud on R10-E; 8-pin octal type on R10-T 2 PCB terminals (std.) 1.62mm (.064in) clearance, 31.75mm (1.25in) seated ht.; 11-pin octal type on R10-T 6 Side mounting plate with #6-32 stud, solder/plug-in terminals (#3-48 stud not included) 7 Narrow 1.02mm (.04in) PCB terminals, .33mm (.013in) clearance, 30.48mm (1.2in) seated ht. 9 Non-shouldered, narrow 1.02mm (.04in) PCB terminals in staggered arrangement 2) 2) Available only on 1 through 6 pole models Contact style and rating 3) W Single contact rated 7.5A max, 300mA min. 4) 5) X Single contact rated 5A max, 300mA min. 5) 6) M Bifurcated contact rated 5A max, 300 mA min. 5) 6) Y Single contact rated 2A typ, 3A max, 100mA min. Z Bifurcated low level contacts rated 100mA typ, 2A max, 1mA min. P Bifurcated crossbar dry circuit contacts rated 1mA typ, 3A max, dry circuit min. L Bifurcated crossbar dry circuit contacts rated 500 microA typ, 250 mA max, dry circuit min. 3) Ratings are at 28VDCV or 115VAC. Total load must not exceed 30A per relay. 4) Use ungrounded frame for AC load of ≥5A. Max ratings are 7.5A at 115VAC and 4A at 28VDC for coil codes S & J 5) Only available on R10 type, only available with coil adjustment code V, Q, S and J. 6) Use ungrounded frame for AC load of ≥5A. Max ratings are 5A at 115VAC and 3A at 28VDC for coil codes S & J Number of poles 1 1 pole 4 4 pole (not available on R10-T) 2 2 pole 6 6 pole (not available on R10-T) 7) 3 3 pole 8 8 pole (not available on R10-T) 8) 7) Not available with contact code W 8) Only available with case style E, not available with contact code W Coil voltage Coil code: please refer to coil versions table AC voltage Specify coil code consisting of nominal coil voltage followed by W (example: 24V) DC voltage Specify coil code consisting of coil adjustment code letter followed by coil resistance (example: V700) PCB layout Suggested panel cutout for relay Mounting hole layout for Bottom view on solder pins terminal & mounting style 6 Terminal Types E2 & R2 Terminal Types E9 & R9 (Omit unnecessary holes) (Omit unnecessary holes) .210 (5.33) .320 (8.13) .110 (2.79) .450 (11.43) .550 (13.97) .420 (10.67) .530 (13.46) .400 (10.16) .630 (16.00) .740 (18.80) HOLES + .004 - .000 + .10 - .00 DIA. .056 1.42 ( ) .500 (12.70) .100 (2.54) GRID .500 (12.70) .450 (11.43) 6 POLE 2 POLE 4 POLE .150 (3.81) .100 (2.54) + .004 - .000 + .10 - .00 ( ) .056 1.42 HOLES DIA. .281 ± .015 (7.14 ± .38) .140 (3.56) X .354 (8.99) .281 (7.14) + .005 – .000 + .13 – .00 .109 2.77 2 HOLES DIA. ( ) .656 ± .015 (16.66 ± .38) 2 POLE – .343 ± .020 (8.71 ± .51) 4 POLE – .562 ± .020 (14.27 ± .51) 6 POLE – .781 ± .020 (19.84 ± .51) 8 POLE – 1.000 ± .020 (25.40 ± .51) X = TOLERANCE: ± .010 (± .25) .437 (11.10) .187 ± .0 02 DIA. (4.75 ± .05) .147 ± .0 02 DIA. (3.73 ± .05) |