| Zakładka z wyszukiwarką danych komponentów |
|
AD9920ABBCZ Arkusz danych(PDF) 85 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9920ABBCZ Arkusz danych(HTML) 85 Page - Analog Devices |
|
85 / 112 page ![]() AD9920A Rev. B | Page 85 of 112 VERTICAL TOGGLE POSITION PLACEMENT NEAR COUNTER RESET An additional consideration during the reset of the internal counters is the vertical toggle position placement. There is a region of 36 pixels prior to the internal counter reset in which no toggles can take place. Figure 107 shows this restriction for slave mode. The last 36 pixels before the counters are reset cannot be used. In slave mode, the counter reset is delayed with respect to VD/HD placement, so the inhibited area is different than it is in master mode. It is recommended that Pixel Location 0 not be used for any of the toggle positions for the VSG and SUBCK pulses. N-1 N 012 VD HD N-2 N-3 N-4 NO TOGGLE POSITIONS ALLOWED IN THIS AREA N-5 N-6 N-7 N-8 N-9 N-10 N-11 N-12 N-13 N-32 N-33 N-34 N-35 X X X X X X NOTE: TOGGLE POSITIONS CANNOT BE PROGRAMMED WITHIN 36 PIXELS OF PIXEL 0 LOCATION. H-COUNTER (PIXEL COUNTER) H-COUNTER RESET Figure 107. Toggle Position Inhibited Area, Slave Mode |