| Zakładka z wyszukiwarką danych komponentów |
|
AD9920ABBCZRL Arkusz danych(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9920ABBCZRL Arkusz danych(HTML) 39 Page - Analog Devices |
|
39 / 112 page ![]() AD9920A Rev. B | Page 39 of 112 XV1 XV2 XV23 VLENA VLENB VLENC VLEND V-PATTERN A XV3 V-PATTERN B V-PATTERN C V-PATTERN D NOTES 1. EACH SEGMENT MUST BE THE SAME LENGTH. VLENA = VLENB = VLENC = VLEND. Figure 47. Vertical Timing Divided into Four Segments: VPATA, VPATB, VPATC, and VPATD HD COMBINED V-PATTERN NOTES 1. ABLE TO CONCATENATE PATTERNS TOGETHER ARBITRARILY. 2. EACH PATTERN CAN HAVE UP TO FOUR TOGGLES PROGRAMMED. 3. CAN CONCATENATE UP TO 18 PATTERNS INTO A MERGED PATTERN. 4. ODD AND EVEN LINES CAN HAVE A DIFFERENT PATTERN CONCATENATION SPECIFIED BY VALTSEL EVEN AND ODD REGISTERS. A B B DACC A B C B DAB A A Figure 48. Concatenating Each VPAT Group in an Arbitrary Order NOTES 1. SIX V-PATTERN SEGMENTS CONCATENATED INTO A MERGED PATTERN. 2. COMMON AND REPETITIVE VTP SEGMENTS DERIVED FROM THE COMPLETE VTP PATTERN. 3. VALTSEL REGISTERS SPECIFY SEGMENT ORDER TO CREATE THE CONCATENATED MERGED PATTERN. AC B D XV1 XV2 XV23 XV3 VPATA VPATC VPATB VPATD VPATD VPATA VALTSEL0_EVEN 0 0 1 1 1 0 VALTSEL1_EVEN 0 1 0 1 1 0 SEGMENT 1 A D XV1 TO XV23 SEGMENT 2 SEGMENT 3 SEGMENT4 SEGMENT 5 SEGMENT 6 HD Figure 49. Example of Special V-Sequence Alternation Mode Using VALTSEL Registers to Specify Segment Order |