| Zakładka z wyszukiwarką danych komponentów |
|
ADP1720ARMZ-5-R7 Arkusz danych(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1720ARMZ-5-R7 Arkusz danych(HTML) 15 Page - Analog Devices |
|
15 / 16 page ![]() ADP1720 Rev. A | Page 15 of 16 COMPLIANT TO JEDEC STANDARDS MO-187-AA OUTLINE DIMENSIONS 0.80 0.60 0.40 8° 0° 4 8 1 5 PIN 1 0.65 BSC SEATING PLANE 0.38 0.22 1.10 MAX 3.20 3.00 2.80 COPLANARITY 0.10 0.23 0.08 3.20 3.00 2.80 5.15 4.90 4.65 0.15 0.00 0.95 0.85 0.75 Figure 29. 8-Lead Mini Small Outline Package [MSOP] (RM-8) Dimensions shown in millimeters ORDERING GUIDE Model Temperature Range Output Voltage (V) Package Description Package Option Branding ADP1720ARMZ-5-R71 –40°C to +125°C 5 8-Lead MSOP RM-8 L30 ADP1720ARMZ-3.3-R71 –40°C to +125°C 3.3 8-Lead MSOP RM-8 L2Z ADP1720ARMZ-R71 –40°C to +125°C 1.225 to 5 8-Lead MSOP RM-8 L2M ADP1720-5-EVALZ1 5 Evaluation Board ADP1720-3.3-EVALZ1 3.3 Evaluation Board ADP1720-EVALZ1 1.225 to 5 Evaluation Board 1 Z = RoHS Compliant Part. |