| Zakładka z wyszukiwarką danych komponentów |
|
AD2S80ASE/883B Arkusz danych(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD2S80ASE/883B Arkusz danych(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() AD2S80A REV. B –16– APPLICATIONS Control Transformer The ratio multiplier of the AD2S80A can be used independently of the loop integrators as a control transformer. In this mode the resolver inputs θ are multiplied by a digital angle φ any differ- ence between φ and θ will be represented by the AC ERROR output as SIN ωt sin (θ–φ) or the DEMOD output as sin (θ–φ). To use the AD2S80A in this mode refer to the “Control Trans- former” application note. Dynamic Switching In applications where the user requires wide band response from the converter, for example 100 rpm to 6000 rpm, superior per- formance is achieved if the converters control characteristics are switched dynamically. This reduces velocity offset levels at low tracking rates. For more information on the technique refer to “Dynamic Resolution Switching Using the Variable Resolution Monolithic Resolver-to-Digital Converters.” OTHER PRODUCTS The AD2S82A is a monolithic, variable resolution 10-, 12-, 14- and 16-bit resolver-to-digital converter in a 44-terminal J-leaded PLCC package. In addition to the AD2S80A functions it has a VCO OUTPUT which is a measure of position within a LSB, and a COMPLEMENT Data Output. The AD2S81A is a low cost, monolithic, 12-bit resolver-to- digital converter in a 28-lead ceramic DIP package. ORDERING GUIDE Operating Temperature Package Package Model Range Accuracy Description Option AD2S80AJD 0 °C to 70°C 8 arc min Side Brazed Ceramic DIP D-40 AD2S80AKD 0 °C to 70°C 4 arc min Side Brazed Ceramic DIP D-40 AD2S80ALD 0 °C to 70°C 2 arc min Side Brazed Ceramic DIP D-40 AD2S80AAD –40 °C to +85°C 8 arc min Side Brazed Ceramic DIP D-40 AD2S80ABD –40 °C to +85°C 4 arc min Side Brazed Ceramic DIP D-40 AD2S80ASD –55 °C to +125°C 8 arc min Side Brazed Ceramic DIP D-40 AD2S80ATD –55 °C to +125°C 4 arc min Side Brazed Ceramic DIP D-40 AD2S80AUD –55 °C to +125°C 2 arc min Side Brazed Ceramic DIP D-40 AD2S80ASE –55 °C to +125°C 8 arc min Leadless Ceramic Chip Carrier E-44A AD2S80ATE –55 °C to +125°C 4 arc min Leadless Ceramic Chip Carrier E-44A AD2S80AUE –55 °C to +125°C 2 arc min Leadless Ceramic Chip Carrier E-44A AD2S80ASD/883B –55 °C to +125°C 8 arc min Side Brazed Ceramic DIP D-40 AD2S80ATD/883B –55 °C to +125°C 4 arc min Side Brazed Ceramic DIP D-40 AD2S80ASE/883B –55 °C to +125°C 8 arc min Leadless Ceramic Chip Carrier E-44A AD2S80ATE/883B –55 °C to +125°C 4 arc min Leadless Ceramic Chip Carrier E-44A OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 40-Lead Ceramic DIP (D) Package 0.060 (1.52) 0.02 (0.51) 0.125 (3.22) 0.150 (3.81) MIN 2.02 (51.31) 1.98 (50.29) 0.100 (2.54) TYP 0.61 (15.49) 0.58 (14.73) 0.09 (2.29) 0.07 (1.77) 0.59 (14.99) TYP 0.012 (0.31) 0.009 (0.23) 0.01 (0.25) TYP LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH. LEADS ARE GOLD PLATED (50 MICROINCHES MIN) KOVAR OR ALLOY 42. 44-Terminal LCC (E) Package 1 44 6 7 18 17 39 40 BOTTOM VIEW 29 28 0.055 (1.40) 0.045 (1.14) 0.662 (16.82)2 0.640 (16.27) SQ 0.028 (0.71) 0.022 (0.56) 0.020 (0.51) REF 45° 0.040 (1.02) REF 45° 3 PLACES 0.050 (1.27) BSC 0.075 (1.91) REF 0.100 (2.54)1 0.064 (1.63) NOTES 1THIS DIMENSION CONTROLS THE OVERALL PACKAGE THICKNESS. 2APPLIES TO ALL FOUR SIDES. ALL TERMINALS ARE GOLD PLATED. |