Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD977ARS Arkusz danych(PDF) 14 Page - Analog Devices

Numer części AD977ARS
Szczegółowy opis  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD977ARS Arkusz danych(HTML) 14 Page - Analog Devices

Back Button AD977ARS Datasheet HTML 10Page - Analog Devices AD977ARS Datasheet HTML 11Page - Analog Devices AD977ARS Datasheet HTML 12Page - Analog Devices AD977ARS Datasheet HTML 13Page - Analog Devices AD977ARS Datasheet HTML 14Page - Analog Devices AD977ARS Datasheet HTML 15Page - Analog Devices AD977ARS Datasheet HTML 16Page - Analog Devices AD977ARS Datasheet HTML 17Page - Analog Devices AD977ARS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD977/AD977A
–14–
REV. D
Table I. AD977A Analog Input Configuration
Input Voltage
Connect R1IN
Connect R2IN
Connect R3IN
Input
Range
via 200
to
via 100
to
to
Impedance
±10 V
VIN
AGND
2.5 V
11.5 k
Ω
±5 V
AGND
VIN
2.5 V
6.7 k
Ω
±3.3 V
VIN
VIN
2.5 V
5.4 k
Ω
0 V to 10 V
AGND
VIN
AGND
6.7 k
Ω
0 V to 5 V
AGND
AGND
VIN
5.0 k
Ω
0 V to 4 V
VIN
AGND
VIN
5.4 k
Ω
Table II. AD977 Analog Input Configuration
Input Voltage
Connect R1IN
Connect R2IN
Connect R3IN
Input
Range
via 200
to
via 100
to
to
Impedance
±10 V
VIN
AGND
CAP
22.9 k
Ω
±5 V
AGND
VIN
CAP
13.3 k
Ω
±3.3 V
VIN
VIN
CAP
10.7 k
Ω
0 V to 10 V
AGND
VIN
AGND
13.3 k
Ω
0 V to 5 V
AGND
AGND
VIN
10.0 k
Ω
0 V to 4 V
VIN
AGND
VIN
10.7 k
Ω
ANALOG INPUTS
The AD977/AD977A is specified to operate with six full-scale
analog input ranges. Connections required for each of the three
analog inputs, R1IN, R2IN and R3IN, and the resulting full-scale
ranges, are shown in Table I and Table II. The nominal input
impedance for each analog input range is also shown. Table III
shows the output codes for the ideal input voltages of each of the
six analog input ranges.
The analog input section has a
±25 V overvoltage protection on
R1IN and R2IN. Since the AD977/AD977A has two analog
grounds it is important to ensure that the analog input is refer-
enced to the AGND1 pin, the low current ground. This will
minimize any problems associated with a resistive ground drop.
It is also important to ensure that the analog input of the
AD977/AD977A is driven by a low impedance source. With its
primarily resistive analog input circuitry, the ADC can be driven
by a wide selection of general purpose amplifiers.
To best match the low distortion requirements of the AD977/
AD977A, care should be taken in the selection of the drive cir-
cuitry op amp.
Figure 10 shows the simplified analog input section for the
AD977/AD977A. Since the AD977/AD977A can operate with
an internal or external reference, and several different analog
input ranges, the full-scale analog input range is best represented
with a voltage that spans 0 V to VREF across the 40 pF sampling
capacitor. The onboard resistors are laser trimmed to ratio
match for adjustment of offset and full-scale error using fixed
external resistors.
The configurations shown in Figures 12 and 13 are required to
obtain the data sheet specifications for offset and full-scale error.
The external fixed resistors are used during factory calibration so
that a single 5 V supply can be used to bias the hardware trim
circuitry. With the hardware adjust circuits shown in Figures 12
and 13, offset and full-scale error can be trimmed to zero. Refer
to the Offset and Gain Adjust section.
If larger offset and full-scale errors are permitted, or if soft-
ware calibration is used, the external resistors can be omit-
ted. Table IV shows the resultant input ranges and offset and
full-scale errors.
Using the AD977A with Bipolar Input Ranges
The connection diagrams in Figure 11 show a buffer amplifier
required for bipolar operation of the AD977A when using the
internal reference. The buffer amplifier is required to isolate the
CAP pin from the signal dependent current in the R3IN pin. A
high speed op amp such as the AD8031 can be used with a
single 5 V power supply without degrading the performance of
the AD977A. The buffer must have good settling characteristics
and provide low total noise within the input bandwidth of the
AD977A.
R1IN
R2IN
R3IN
REF
4k
AGND2
CAP
AGND1
AD977/AD977A
20k /10k
2.5V
REFERENCE
10k /5k
5k /2.5k
20k /10k
40pF
SWITCHED
CAP ADC
Figure 10. AD977/AD977A Simplified Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com