| Zakładka z wyszukiwarką danych komponentów |
|
MPC8248VR Arkusz danych(PDF) 18 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8248VR Arkusz danych(HTML) 18 Page - Freescale Semiconductor, Inc |
|
18 / 61 page ![]() MPC8272 PowerQUICC II Family Hardware Specifications, Rev. 3 18 Freescale Semiconductor AC Electrical Characteristics 6 AC Electrical Characteristics The following sections include illustrations and tables of clock diagrams, signals, and CPM outputs and inputs for 66.67/83.33/100/133 MHz devices. Note that AC timings are based on a 50-pf load for MAX Delay and 10-pf load for MIN delay. Typical output buffer impedances are shown in this table. 6.1 CPM AC Characteristics This table lists CPM output characteristics. Table 9. Output Buffer Impedances1 1 These are typical values at 65° C. Impedance may vary by ±25% with process and temperature. Output Buffers Typical Impedance ( Ω) 60x bus 45 or 272 2 Impedance value is selected through SIUMCR[20,21]. See the SoC reference manual. Memory controller 45 or 272 Parallel I/O 45 PCI 27 Table 10. AC Characteristics for CPM Outputs1 1 Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings are measured at the pin. Spec Number Characteristic Value (ns) Max Min Maximum Delay Minimum Delay 66 MHz 83 MHz 100 MHz 133 MHz 66 MHz 83 MHz 100 MHz 133 MHz sp36a sp37a FCC outputs—internal clock (NMSI) 6 5.5 5.5 5.5 0.5 0.5 0.5 0.5 sp36b sp37b FCC outputs—external clock (NMSI) 8 8882 222 sp38a sp39a SCC/SMC/SPI/I2C outputs—internal clock (NMSI) 10 10 10 10 0 0 0 0 sp38b sp39b SCC/SMC/SPI/I2C outputs—external clock (NMSI) 8 8882 222 sp40 sp41 TDM outputs/SI 11 11 11 11 2.5 2.5 2.5 2.5 sp42 sp43 TIMER/IDMA outputs 11 11 11 11 0.5 0.5 0.5 0.5 sp42a sp43a PIO outputs 11 11 11 11 0.5 0.5 0.5 0.5 |