| Zakładka z wyszukiwarką danych komponentów |
|
ADP5589ACPZ-00-R7 Arkusz danych(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5589ACPZ-00-R7 Arkusz danych(HTML) 28 Page - Analog Devices |
|
28 / 52 page ![]() ADP5589 Data Sheet Rev. B | Page 28 of 52 GPI_STATUS_A Register 0x16 Table 30. GPI_STATUS_A Bit Descriptions Bits Name R/W Description 7 GPI_8_STAT R 0 = GPI_8 (R7 pin) is low. 1 = GPI_8 (R7 pin) is high. 6 GPI_7_STAT R 0 = GPI_7 (R6 pin) is low. 1 = GPI_7 (R6 pin) is high. 5 GPI_6_STAT R 0 = GPI_6 (R5 pin) is low. 1 = GPI_6 (R5 pin) is high. 4 GPI_5_STAT R 0 = GPI_5 (R4 pin) is low. 1 = GPI_5 (R4 pin) is high. 3 GPI_4_STAT R 0 = GPI_4 (R3 pin) is low. 1 = GPI_4 (R3 pin) is high. 2 GPI_3_STAT R 0 = GPI_3 (R2 pin) is low. 1 = GPI_3 (R2 pin) is high. 1 GPI_2_STAT R 0 = GPI_2 (R1 pin) is low. 1 = GPI_2 (R1 pin) is high. 0 GPI_1_STAT R 0 = GPI_1 (R0 pin) is low. 1 = GPI_1 (R0 pin) is high. GPI_STATUS_B Register 0x17 Table 31. GPI_STATUS_B Bit Descriptions Bits Name R/W Description 7 GPI_16_STAT R 0 = GPI_16 (C7 pin) is low. 1 = GPI_16 (C7 pin) is high. 6 GPI_15_STAT R 0 = GPI_15 (C6 pin) is low. 1 = GPI_15 (C6 pin) is high. 5 GPI_14_STAT R 0 = GPI_14 (C5 pin) is low. 1 = GPI_14 (C5 pin) is high. 4 GPI_13_STAT R 0 = GPI_13 (C4 pin) is low. 1 = GPI_13 (C4 pin) is high. 3 GPI_12_STAT R 0 = GPI_12 (C3 pin) is low. 1 = GPI_12 (C3 pin) is high. 2 GPI_11_STAT R 0 = GPI_11 (C2 pin) is low. 1 = GPI_11 (C2 pin) is high. 1 GPI_10_STAT R 0 = GPI_10 (C1 pin) is low. 1 = GPI_10 (C1 pin) is high. 0 GPI_9_STAT R 0 = GPI_9 (C0 pin) is low. 1 = GPI_9 (C0 pin) is high. GPI_STATUS_C Register 0x18 Table 32. GPI_STATUS_C Bit Descriptions Bits Name R/W Description [7: 3] Reserved. 2 GPI_19_STAT R 0 = GPI_19 (C10 pin) is low. 1 = GPI_19 (C10 pin) is high. 1 GPI_18_STAT R 0 = GPI_18 (C9 pin) is low. 1 = GPI_18 (C9 pin) is high. 0 GPI_17_STAT R 0 = GPI_17 (C8 pin) is low. 1 = GPI_17 (C8 pin) is high. |