| Zakładka z wyszukiwarką danych komponentów |
|
TP8044AH-R0117 Arkusz danych(PDF) 63 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
TP8044AH-R0117 Arkusz danych(HTML) 63 Page - InnovASIC, Inc |
|
63 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 63 of 65 1-888-824-4184 ® Errata No. 3 Problem: The device responds to an idle flag one bit time too early. Description: This causes problems in a loop-mode network. It only occurs in loop mode when using an external SIU clock source and idle flags. Workaround: None. Errata No. 4 Problem: Under certain conditions the SIU will overwrite the RCB register when starting a transmission. Description: The conditions are: The SIU is externally clocked. The SIU is in flexible mode. The CPU has not already read the RCB from a previous reception before the transmission takes place. Workaround: Read the RCB before initiating a transmit. |