| Zakładka z wyszukiwarką danych komponentów |
|
STM32F050C6 Arkusz danych(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F050C6 Arkusz danych(HTML) 28 Page - STMicroelectronics |
|
28 / 97 page ![]() Pinouts and pin description STM32F050xx 28/97 Doc ID 023683 Rev 1 29 18 18 - PA8 I/O FT USART1_CK, TIM1_CH1, EVENTOUT, MCO 30 19 19 17 PA9 I/O FTf USART1_TX, TIM1_CH2, I2C1_SCL(3) 31 20 20 18 PA10 I/O FTf USART1_RX, TIM1_CH3, TIM17_BKIN, I2C1_SDA(3) 32 21 - - PA11 I/O FT USART1_CTS, TIM1_CH4, EVENTOUT 33 22 - - PA12 I/O FT USART1_RTS, TIM1_ETR, EVENTOUT 34 23 21 19 PA13 (SWDAT) I/O FT (4) IR_OUT, SWDAT 35 - - - PF6 I/O FTf I2C1_SCL(3) 36 - - - PF7 I/O FTf I2C1_SDA(3) 37 24 22 20 PA14 (SWCLK) I/O FT (4) SWCLK, USART1_TX(3) 38 25 23 - PA15 I/O FT SPI1_NSS, I2S1_WS, TIM2_CH_ETR, EVENTOUT, USART1_RX(3) 39 26 24 - PB3 I/O FT SPI1_SCK, I2S1_CK, TIM2_CH2, EVENTOUT 40 27 25 - PB4 I/O FT SPI1_MISO, I2S1_MCK, TIM3_CH1, EVENTOUT Table 8. Pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |