| Zakładka z wyszukiwarką danych komponentów |
|
DOC1925 Arkusz danych(PDF) 15 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DOC1925 Arkusz danych(HTML) 15 Page - List of Unclassifed Manufacturers |
|
15 / 61 page ![]() Hardware Description AVR STK500 User Guide 3-5 1925C–AVR–3/03 3.5 Description of User RS-232 Interface The STK500 includes two RS-232 ports. One RS-232 port is used for communicating with AVR Studio. The other RS-232 can be used for communicating between the target AVR microcontroller in the socket and a PC serial port connected to the RS-232. To use the RS-232, the UART pins of the AVR need to be physically connected to the RS-232. The 2-pin header marked “RS232 SPARE” can be used for connecting the RS-232 con- verter to the UART pins on the target AVR microcontroller in the socket. Use the 2-wire cable to connect the UART pins to the RS-232. The connection is shown in Figure 3-9. The block schematic of the RS-232 connection is shown in Figure 3-10. Figure 3-9. Connection of I/O Pins to UART Figure 3-10. Schematic of UART Pin Connections TXD RXD Voltage Converter VTG 5V MAX202CSE 470R 470R 1n2 1n2 2 3 5V RS-232 |