| Zakładka z wyszukiwarką danych komponentów |
|
LTC2804IGN-1 Arkusz danych(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2804IGN-1 Arkusz danych(HTML) 2 Page - Linear Technology |
|
2 / 18 page ![]() LTC2801/LTC2802/ LTC2803/LTC2804 2801234fe abSolute MaxiMuM ratinGS (Note 1) Input Supplies VCC...........................................................–0.3V to 7V VL .........................................................–0.3V to 6.7V Generated Supplies VDD .................................................VCC –0.3V to 7.5V VEE........................................................ 0.3V to –7.5V VDD – VEE..............................................................14V SW.................................................. –0.3V to VDD + 0.3V CAP.................................................. +0.3V to VEE – 0.3V TIN, T1IN, T2IN, MODE ................................–0.3V to 7V PS, ON/OFF.....................................–0.3V to (VL + 0.3V) RIN, R1IN, R2IN ..........................................–25V to 25V TOUT, T1OUT, T2OUT.................................. –15V to 15V ROUT, R1OUT, R2OUT ....................–0.3V to (VL + 0.3V) Operating Temperature LTC280XC................................................0 °C to 70°C LTC280XI.............................................–40 °C to 85°C Storage Temperature Range ..................–65 °C to 125°C Lead Temperature (Soldering, 10 sec) GN Package ......................................................300°C LTC2801, LTC2802 1-Driver/1-Receiver LTC2803, LTC2804 2-Driver/2-Receiver LTC2803-1, LTC2804-1 2-Driver/2-Receiver 12 11 10 9 8 7 13 1 2 3 4 5 6 ROUT TIN VL MODE PS CAP RIN TOUT VCC VDD SW GND TOP VIEW DE PACKAGE 12-LEAD (4mm 3mm) PLASTIC DFN VEE TJMAX = 125°C, θJA = 43°C/W, θJC = 4.3°C/W (4 Layer) EXPOSED PAD (PIN 13) IS VEE, MUST BE SOLDERED TO PCB 16 15 14 13 12 11 10 9 17 1 2 3 4 5 6 7 8 R1OUT R2OUT T1IN T2IN VL MODE PS CAP R1IN R2IN T1OUT T2OUT VCC VDD SW GND TOP VIEW DHC PACKAGE 16-LEAD (5mm 3mm) PLASTIC DFN VEE TJMAX = 125°C, θJA = 44°C/W, θJC = 4.3°C/W (4 Layer) EXPOSED PAD (PIN 17) IS VEE, MUST BE SOLDERED TO PCB GN PACKAGE 16-LEAD (NARROW 0.150) PLASTIC SSOP 1 2 3 4 5 6 7 8 TOP VIEW 16 15 14 13 12 11 10 9 R1OUT R2OUT T1IN T2IN VL ON/OFF CAP VEE R1IN R2IN T1OUT T2OUT VCC VDD SW GND TJMAX = 125°C, θJA = 110°C/W, θJC = 40°C/W (4 Layer) Pin conFiGuration LEAD FREE FINISH TAPE AND REEL PART MARKING* PACKAGE DESCRIPTION TEMPERATURE RANGE LTC2801CDE#PBF LTC2801CDE#TRPBF 2801 12-Lead (4mm × 3mm) Plastic DFN 0°C to 70°C LTC2801IDE#PBF LTC2801IDE#TRPBF 2801 12-Lead (4mm × 3mm) Plastic DFN –40°C to 85°C LTC2802CDE#PBF LTC2802CDE#TRPBF 2802 12-Lead (4mm × 3mm) Plastic DFN 0°C to 70°C LTC2802IDE#PBF LTC2802IDE#TRPBF 2802 12-Lead (4mm × 3mm) Plastic DFN –40°C to 85°C LTC2803CDHC#PBF LTC2803CDHC#TRPBF 2803 16-Lead (5mm × 3mm) Plastic DFN 0°C to 70°C LTC2803IDHC#PBF LTC2803IDHC#TRPBF 2803 16-Lead (5mm × 3mm) Plastic DFN –40°C to 85°C LTC2804CDHC#PBF LTC2804CDHC#TRPBF 2804 16-Lead (5mm × 3mm) Plastic DFN 0°C to 70°C LTC2804IDHC#PBF LTC2804IDHC#TRPBF 2804 16-Lead (5mm × 3mm) Plastic DFN –40°C to 85°C LTC2803CGN-1#PBF LTC2803CGN-1#TRPBF 28031 16-Lead (Narrow 0.150) Plastic SSOP 0°C to 70°C LTC2803IGN-1#PBF LTC2803IGN-1#TRPBF 2803I1 16-Lead (Narrow 0.150) Plastic SSOP –40°C to 85°C LTC2804CGN-1#PBF LTC2804CGN-1#TRPBF 28041 16-Lead (Narrow 0.150) Plastic SSOP 0°C to 70°C LTC2804IGN-1#PBF LTC2804IGN-1#TRPBF 2804I1 16-Lead (Narrow 0.150) Plastic SSOP –40°C to 85°C Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/ order inForMation |