| Zakładka z wyszukiwarką danych komponentów |
|
AM3703 Arkusz danych(PDF) 79 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3703 Arkusz danych(HTML) 79 Page - Texas Instruments |
|
79 / 280 page ![]() AM3715, AM3703 www.ti.com SPRS616F – JUNE 2010 – REVISED AUGUST 2011 Table 2-3. Ball Characteristics (CUS Pkg.)(1) (continued) BALL PIN NAME [2] MODE [3] TYPE [4] BALL RESET BALL RESET RESET REL. POWER [8] HYS [9] BUFFER PULLUP IO CELL [12] NUMBER [1] STATE [5] REL. STATE MODE [7] STRENGTH /DOWN [6] (mA) [10] TYPE [11] hsusb2_stp 3 O gpio_25 4 IO mm2_rxdp 5 IO hw_dbg13 7 O AC10 etk_d12 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_dir 3 I gpio_26 4 IO hw_dbg14 7 O AD11 etk_d13 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_nxt 3 I gpio_27 4 IO mm2_rxdm 5 IO hw_dbg15 7 O AC11 etk_d14 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_ data0 3 IO gpio_28 4 IO mm2_rxrcv 5 IO hw_dbg16 7 O AD12 etk_d15 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_ data1 3 IO gpio_29 4 IO mm2_txse0 5 IO hw_dbg17 7 O E16, F15, vdds_mem 0 PWR - - - - - - - - F16, G15, G16, H15, J6, J7, J8, K6, K7, K8 F12, F13, vdd_core 0 PWR - - - - - - - - G12, G13, H12, H13, J17, J18, K17, K18, K19, L14, L15, M14, M15, R17, R18, R19, T17, T18, T19, T20 F10, G9, vdd_mpu_iva 0 PWR - - - - - - - - G10, H9, H10, J9, J10, L11, L12, M6, M7, M8, M12, N6, N7, N8, R6, R7, R8, T7, T8, U12, U13, V12, V13, W12, W13 H8 vdds_x 0 PWR - - - - - - - - M17, M18, vdds 0 PWR - - - - - - - - M19, N17, N18, N19, U10, V9, V10, W9, W10, Y9 N24 vdds_mmc1 0 PWR - - - - - - - - Y12 cap_vddu_ 0 PWR - - - - - - - - wkup_logic U8 cap_vdd_sram_mpu_ 0 PWR - - - - - - - - iva H17 cap_vdd_sram_core 0 PWR - - - - - - - - G18 vdda_dplls_dll 0 PWR - - - - - - - - U17 vdda_dpll_per 0 PWR - - - - - - - - AA12 vdds_sram 0 PWR - - - - - - - - AA13 vdda_wkup_bg_bb 0 PWR - - - - - - - - Copyright © 2010–2011, Texas Instruments Incorporated TERMINAL DESCRIPTION 79 Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |