Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMC6484AIM Arkusz danych(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Numer części LMC6484AIM
Szczegółowy opis  LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMC6484AIM Arkusz danych(HTML) 19 Page - Texas Instruments

Back Button LMC6484AIM Datasheet HTML 15Page - Texas Instruments LMC6484AIM Datasheet HTML 16Page - Texas Instruments LMC6484AIM Datasheet HTML 17Page - Texas Instruments LMC6484AIM Datasheet HTML 18Page - Texas Instruments LMC6484AIM Datasheet HTML 19Page - Texas Instruments LMC6484AIM Datasheet HTML 20Page - Texas Instruments LMC6484AIM Datasheet HTML 21Page - Texas Instruments LMC6484AIM Datasheet HTML 22Page - Texas Instruments LMC6484AIM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Typical Single-Supply Applications (Continued)
In
Figure 23 dielectric absorption and leakage is minimized by using a polystyrene or polyethylene hold capacitor. The droop rate
is primarily determined by the value of C
H and diode leakage current. The ultra-low input current of the LMC6484 has a negligible
effect on droop.
The LMC6484’s high CMRR (85 dB) allows excellent accuracy throughout the circuit’s rail-to-rail dynamic capture range.
The low pass filter circuit in
Figure 25 can be used as an anti-aliasing filter with the same voltage supply as the A/D converter.
Filter designs can also take advantage of the LMC6484 ultra-low input current. The ultra-low input current yields negligible offset
error even when large value resistors are used. This in turn allows the use of smaller valued capacitors which take less board
space and cost less.
DS011714-37
FIGURE 23. Low Voltage Peak Detector with Rail-to-Rail Peak Capture Range
DS011714-38
FIGURE 24. Rail-to-Rail Sample and Hold
DS011714-27
FIGURE 25. Rail-to-Rail Single Supply Low Pass Filter
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24