| Zakładka z wyszukiwarką danych komponentów |
|
MCP601-I/P Arkusz danych(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP601-I/P Arkusz danych(HTML) 4 Page - Microchip Technology |
|
4 / 34 page ![]() MCP601/1R/2/3/4 DS21314G-page 4 © 2007 Microchip Technology Inc. 1.1 Test Circuits The test circuits used for the DC and AC tests are shown in Figure 1-2 and Figure 1-2. The bypass capacitors are laid out according to the rules discussed in Section 4.5 “Supply Bypass”. FIGURE 1-2: AC and DC Test Circuit for Most Non-Inverting Gain Conditions. FIGURE 1-3: AC and DC Test Circuit for Most Inverting Gain Conditions. TEMPERATURE CHARACTERISTICS Electrical Specifications: Unless otherwise indicated, V DD = +2.7V to +5.5V and VSS = GND. Parameters Sym Min Typ Max Units Conditions Temperature Ranges Specified Temperature Range TA -40 — +85 °C Industrial temperature parts TA -40 — +125 °C Extended temperature parts Operating Temperature Range TA -40 — +125 °C Note Storage Temperature Range TA -65 — +150 °C Thermal Package Resistances Thermal Resistance, 5L-SOT23 θ JA —256 — °C/W Thermal Resistance, 6L-SOT23 θ JA —230 — °C/W Thermal Resistance, 8L-PDIP θ JA —85 — °C/W Thermal Resistance, 8L-SOIC θ JA —163 — °C/W Thermal Resistance, 8L-TSSOP θ JA —124 — °C/W Thermal Resistance, 14L-PDIP θ JA —70 — °C/W Thermal Resistance, 14L-SOIC θ JA —120 — °C/W Thermal Resistance, 14L-TSSOP θ JA —100 — °C/W Note: The Industrial temperature parts operate over this extended range, but with reduced performance. The Extended temperature specs do not apply to Industrial temperature parts. In any case, the internal Junction temperature (TJ) must not exceed the absolute maximum specification of 150°C. VDD MCP60X RG RF RN VOUT VIN VDD/2 1µF CL RL VL 0.1 µF VDD MCP60X RG RF RN VOUT VDD/2 VIN 1µF CL RL VL 0.1 µF |