| Zakładka z wyszukiwarką danych komponentów |
|
HCS362-I/ST Arkusz danych(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS362-I/ST Arkusz danych(HTML) 5 Page - Microchip Technology |
|
5 / 38 page ![]() © 2002 Microchip Technology Inc. Preliminary DS40189D-page 5 HCS362 2.0 DEVICE DESCRIPTION As shown in the typical application circuits (Figure 2-1), the HCS362 is a simple device to use. It requires only the addition of buttons and RF circuitry for use as the transmitter in your security application. See Table 2-1 for a description of each pin and Figure 2-1 for typical circuits. Figure 2-2 shows the device I/O circuits. TABLE 2-1: PIN DESCRIPTIONS FIGURE 2-1: TYPICAL CIRCUITS Name Pin Number Description S0 1 Switch input 0 S1 2 Switch input 1 S2 3 Switch input 2 / Clock pin when in Programming mode S3/ RFEN 4 Switch input 3 / RF enable output VSS 5 Ground reference connection DATA 6 Data output pin / DATA I/O pin for Programming mode LED/ SHIFT 7 Cathode connection for LED and DUAL mode SHIFT input VDD 8 Positive supply voltage VDD B0 Tx out S0 S1 S2 S3 LED VDD DATA VSS a) Two button remote control B1 VDD Tx out S0 S1 S2 RFEN VDD DATA VSS c) Four button remote control with RF Enable B3 B2 B1 B0 Note: Up to 15 functions can be implemented by pressing more than one button simulta- neously or by using a suitable diode array. VDD B0 Tx out S0 S1 S2 S3 VDD DATA VSS b) Four button remote control B1 with PLL output (Note) PLL control B2 VDD Tx out S0 S1 S2 S3 VDD DATA VSS d) DUAL key, four buttons remote control B3 B2 B1 B0 SHIFT 1 KW LED LED LED/SHIFT B3 |