| Zakładka z wyszukiwarką danych komponentów |
|
MPC507APG4 Arkusz danych(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MPC507APG4 Arkusz danych(HTML) 16 Page - Texas Instruments |
|
16 / 19 page ![]() MECHANICAL DATA MPDI056 – APRIL 2001 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 NTD (R-PDIP-T28) PLASTIC DUAL-IN-LINE 4202496/A 03/01 1.565 (39,75) 1.380 (35,05) 0.485 (12,32) 0.580 (14,73) Area 1 28 14 15 0.625 (15,88) 0.600 (15,24) 0.015 (0,38) 0.008 (0,20) 0.200 (5,08) 0.115 (2,92) 0.195 (4,95) 0.125 (3,18) 0.070 (1,78) 0.030 (0,76) Index 0.100 (2,54) –C– 0.250 (6,35) MAX 0.600 (15,26) 0.060 (1,52) 0.000 (0,00) 0.700 (17,78) MAX 0.015 (0,38) MIN 0.005 (0,13) MIN 4 PL Full Lead 0.014 (0,36) 0.022 (0,56) Seating Plane Base Plane D C C H E E F C D D 0.010 (0,25) C M F NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Dimensions are measured with the package seated in JEDEC seating plane gauge GS-3. D. Dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 (0,25). E. Dimensions measured with the leads constrained to be perpendicular to Datum C. F. Dimensions are measured at the lead tips with the leads unconstrained. G. Pointed or rounded lead tips are preferred to ease insertion. H. Maximum dimension does not include dambar protrusions. Dambar protrusions shall not exceed 0.010 (0,25). I. Distance between leads including dambar protrusions to be 0.005 (0,13) minumum. J. A visual index feature must be located within the cross-hatched area. K. For automatic insertion, any raised irregularity on the top surface (step, mesa, etc.) shall be symmetrical about the lateral and longitudinal package centerlines. L. Controlling dimension in inches. M. Falls within JEDEC MS-011-AB. |