| Zakładka z wyszukiwarką danych komponentów |
|
MSP430F6776IPZ Arkusz danych(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F6776IPZ Arkusz danych(HTML) 21 Page - Texas Instruments |
|
21 / 157 page ![]() ECCN 5E002 TSPA - Technology / Software Publicly Available MSP430F677x MSP430F676x MSP430F674x www.ti.com SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013 Table 6. Terminal Functions – PZ Package (continued) TERMINAL NO. I/O(1) DESCRIPTION NAME PZ General-purpose digital I/O with mappable secondary function P4.1/PM_UCA3RXD/ Default mapping: eUSCI_A3 UART receive data 60 I/O PM_UCA3SOMI/S31 Default mapping: eUSCI_A3 SPI slave out, master in LCD segment output S31 General-purpose digital I/O with mappable secondary function P4.2/PM_UCA3TXD/ Default mapping: eUSCI_A3 UART transmit data 61 I/O PM_UCA3SIMO/S30 Default mapping: eUSCI_A3 SPI slave in, master out LCD segment output S30 General-purpose digital I/O with mappable secondary function P4.3/PM_UCA3CLK/S29 62 I/O Default mapping: eUSCI_A3 clock input/output LCD segment output S29 General-purpose digital I/O with mappable secondary function P4.4/PM_UCB1SOMI/ Default mapping: eUSCI_B1 SPI slave out, master in 63 I/O PM_UCB1SCL/S28 Default mapping: eUSCI_B1 I2C clock LCD segment output S28 General-purpose digital I/O with mappable secondary function P4.5/PM_UCB1SIMO/ Default mapping: eUSCI_B1 SPI slave in, master out 64 I/O PM_UCB1SDA/S27 Default mapping: eUSCI_B1 I2C data LCD segment output S27 General-purpose digital I/O with mappable secondary function P4.6/PM_UCB1CLK/S26 65 I/O Default mapping: eUSCI_B1 clock input/output LCD segment output S26 General-purpose digital I/O with mappable secondary function P4.7/PM_TA3.0/S25 66 I/O Default Mapping: Timer TA3 CCR0 capture: CCI0A input, compare: Out0 output LCD segment output S25 General-purpose digital I/O P5.0/SDCLK/S24 67 I/O SD24_B bit stream clock input/output LCD segment output S24 General-purpose digital I/O P5.1/PM_SD0DIO/S23 68 I/O Default mapping: SD24_B converter 0 bit stream data input/output LCD segment output S23 General-purpose digital I/O P5.2/PM_SD1DIO/S22 69 I/O Default mapping: SD24_B converter 1 bit stream data input/output LCD segment output S22 General-purpose digital I/O P5.3/PM_SD2DIO/S21 70 I/O Default mapping: SD24_B converter 2 bit stream data input/output LCD segment output S21 General-purpose digital I/O P5.4/PM_SD3DIO/S20 71 I/O Default mapping: SD24_B converter 3 bit stream data input/output LCD segment output S20 General-purpose digital I/O Default mapping: SD24_B converter 4 bit stream data input/output (not available on F674x P5.5/PM_SD4DIO/S19 72 I/O devices) LCD segment output S19 Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 21 |