| Zakładka z wyszukiwarką danych komponentów |
|
24LC22AT-I/SN Arkusz danych(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC22AT-I/SN Arkusz danych(HTML) 21 Page - Microchip Technology |
|
21 / 24 page ![]() © 2007 Microchip Technology Inc. DS21683B-page21 24LC22A PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. X /XX Package Temperature Range Device Device: 24LC22A: 2K VESA E-EDID Serial EEPROM 24LC22AT: 2K VESA E-EDID Serial EEPROM (Tape and Reel) Temperature Range: I = -40°C to +85°C Package: P = Plastic DIP (300 mil Body), 8-Lead SN = Plastic SOIC (3.90 mm Body), 8-Lead Examples: a) 24LC22A-I/P: Industrial temperature, PDIP package. b) 24LC22A-I/SN: Industrial temperature, SOIC package. c) 24LC22AT-I/SN: Tape and Reel, Industrial temperature, SOIC package. |