| Zakładka z wyszukiwarką danych komponentów |
|
DM3725 Arkusz danych(PDF) 63 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM3725 Arkusz danych(HTML) 63 Page - Texas Instruments |
|
63 / 280 page ![]() DM3730, DM3725 www.ti.com SPRS685D – AUGUST 2010 – REVISED JULY 2011 Table 2-2. Ball Characteristics (CBC Pkg.)(5) (continued) BALL BALL TOP PIN NAME [2] MODE [3] TYPE [4] BALL BALL RESET RESET POWER [8] HYS [9] BUFFER PULLUP IO CELL BOTTOM [1] RESET REL. STATE REL. MODE STRENGTH /DOWN [12] [1] STATE [5] [6] [7] (mA) [10] TYPE [11] A2, AF1, A2, AA1, No Connect (2) - - - - - - - - - - B1,D5, K23, AA2,B1, B2, A5, A7, A9, B20, Y1 A10, A11, A12, A14, A15, A16, A17, A19, A21, A22, AA23, AB23, AC9, AC12, AC13, AC14, AC17, AC20, AC22, AC23, AD9, AD11, AD12, AD13, AE1, AE8, AE11, AE12, AE13, AF2, AF3, AF11, B7, B8, B9, B10, B11, B12, B13, B14, B15, B16, B17, B18, B19, B20, B21, B22, C7, C8, C9, C10, C13, C14, C15, C16, C17 C18, C19, C20, C21, C22, D8, D11, D16, D17, D19, D21, D22, E23, F4, G7, G13, G14, G15, G16, G17, G19, H8, H9, H10, H11, H12, H13, H14, H15, H16, H17, H18, H19, H23, J3, J4, J7, J8, J9, J10, J11, J12, J13, J14, J16, J17, J19, J20, K4, K7, K8, K9, K10, K12, K16, K17, K19, L8, M8, M23, N18, P2, P4, P24, R23, R24, R25, R26, T25, T26, U23, V4, W12, Y23 AF23 NA sys_xtalgnd 0 GND A4 NA gpmc_a11 0 O L L 7 vdds Yes 8 PU/PD LVCMOS safe_mode 7 D6 NA cap_vdd_bb_mpu_i 0 PWR va N9 NA cap_vdd_sram_mpu 0 PWR _iva K20 NA cap_vdd_sram_core 0 PWR Copyright © 2010–2011, Texas Instruments Incorporated TERMINAL DESCRIPTION 63 Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |