| Zakładka z wyszukiwarką danych komponentów |
|
AM26LS31MWB Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM26LS31MWB Arkusz danych(HTML) 3 Page - Texas Instruments |
|
3 / 22 page ![]() www.ti.com 22 k Ω To Three Other Drivers Common to All Four Drivers GND Enable G Enable G VCC V V Output Y 9 Ω Input A 22 k Ω 22 k Ω All resistor values are nominal. Output Z 9 Ω Absolute Maximum Ratings (1) AM26LS31C, AM26LS31M QUADRUPLE DIFFERENTIAL LINE DRIVER SLLS114I – JANUARY 1979 – REVISED FEBRUARY 2006 SCHEMATIC (EACH DRIVER) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage(2) 7 V VI Input voltage 7 V Output off-state voltage 5.5 V D package 73 DB package 82 θ JA Package thermal impedance(3) °C/W N package 67 NS package 64 Lead temperature 1,6 mm (1/16 in) from case for 10 s 260 °C Lead temperature 1,6 mm (1/16 in) from case for 60 s J package 300 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential output voltage VOD, are with respect to network GND. (3) The package thermal impedance is calculated in accordance with JESD 51-7. 3 Submit Documentation Feedback |