| Zakładka z wyszukiwarką danych komponentów |
|
ADE7752AR Arkusz danych(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7752AR Arkusz danych(HTML) 8 Page - Analog Devices |
|
8 / 24 page ![]() ADE7752/ADE7752A Rev. C | Page 8 of 24 TYPICAL PERFORMANCE CHARACTERISTICS 100 10 CURRENT CHANNEL (% of Full Scale) 0.5 –0.1 –0.5 0.1 1 0.4 0 –0.2 –0.4 0.2 0.1 –0.3 0.3 WYE CONNECTION ON-CHIP REFERENCE PHASE C PHASE B PHASE A + B + C PHASE A 100 10 1.0 –0.2 –1.0 0.1 1 0.8 0 –0.4 –0.8 0.4 0.2 –0.6 0.6 WYE CONNECTION ON-CHIP REFERENCE +25 °C PF = 1 +85 °C PF = 1 –40 °C PF = 1 CURRENT CHANNEL (% of Full Scale) Figure 4. Error as a Percent of Reading with Internal Reference (Wye Connection) Figure 7. Error as a Percent of Reading over Temperature with Internal Reference (Wye Connection) 100 10 1.0 –0.2 –1.0 0.1 1 0.8 0 –0.4 –0.8 0.4 0.2 –0.6 0.6 WYE CONNECTION ON-CHIP REFERENCE +25 °C PF = –0.5 +25 °C PF = +1 +85 °C PF = +0.5 CURRENT CHANNEL (% of Full Scale) –40 °C PF = +0.5 100 10 0.5 –0.1 –0.5 0.1 1 0.4 0 –0.2 –0.4 0.2 0.1 –0.3 0.3 DELTA CONNECTION ON-CHIP REFERENCE PF = +1 PF = –0.5 PF = +0.5 CURRENT CHANNEL (% of Full Scale) Figure 5. Error as a Percent of Reading over Power Factor with Internal Reference (Wye Connection) Figure 8. Error as a Percent of Reading over Power Factor with Internal Reference (Delta Connection) 100 10 CURRENT CHANNEL (% of Full Scale) 0.5 –0.1 –0.5 0.1 1 0.4 0 –0.2 –0.4 0.2 0.1 –0.3 0.3 WYE CONNECTION EXTERNAL REFERENCE +25 °C PF = –0.5 +25 °C PF = +1 –40 °C PF = +0.5 +85 °C PF = +0.5 100 10 0.5 –0.1 0.1 1 0.4 0 –0.2 –0.4 –0.5 0.2 0.1 –0.3 0.3 WYE CONNECTION EXTERNAL REFERENCE +25 °C PF = 1 –40 °C PF = 1 +85 °C PF = 1 CURRENT CHANNEL (% of Full Scale) Figure 6. Error as a Percent of Reading over Power Factor with External Reference (Wye Connection) Figure 9. Error as a Percent of Reading over Temperature with External Reference (Wye Connection) |