| Zakładka z wyszukiwarką danych komponentów |
|
PCF8576DT/S400/2 Arkusz danych(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DT/S400/2 Arkusz danych(HTML) 23 Page - NXP Semiconductors |
|
23 / 57 page ![]() PCF8576D All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 14 — 10 June 2013 23 of 57 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates mode, the contents of rows 2 and 3 may be selected instead of rows 0 and 1. This gives the provision for preparing display information in an alternative bank and to be able to switch to it once it is assembled. 7.10.6 Input bank selector The input bank selector loads display data into the display RAM in accordance with the selected LCD drive configuration. Display data can be loaded in row 2 in static drive mode or in rows 2 and 3 in 1:2 multiplex drive mode by using the bank-select command (see Table 15). The input bank selector functions independently to the output bank selector. 7.11 Blinking The display blinking capabilities of the PCF8576D are very versatile. The whole display can blink at frequencies selected by the blink-select command (see Table 16). The blink frequencies are derived from the clock frequency. The ratio between the clock and blink frequencies depends on the blink mode selected (see Table 16). An additional feature is for an arbitrary selection of LCD elements to blink. This applies to the static and 1:2 multiplex drive modes and can be implemented without any communication overheads. By means of the output bank selector, the displayed RAM banks are exchanged with alternate RAM banks at the blink frequency. This mode can also be specified by the blink-select command. In the 1:3 and 1:4 multiplex modes, where no alternative RAM bank is available, groups of LCD elements can blink by selectively changing the display RAM data at fixed time intervals. The entire display can blink at a frequency other than the nominal blink frequency. This can be effectively performed by resetting and setting the display enable bit E at the required rate using the mode-set command (see Table 12). [1] Blink modes 1, 2 and 3 and the nominal blink frequencies 0.5 Hz, 1 Hz and 2 Hz correspond to an oscillator frequency (fclk) of 1536 Hz (see Section 12). Table 9. Blinking frequencies Blink mode Normal operating mode ratio Nominal blink frequency[1] off - blinking off 12 Hz 21 Hz 3 0.5 Hz f clk 768 ---------- f clk 1536 ------------- f clk 3072 ------------- |