| Zakładka z wyszukiwarką danych komponentów |
|
91A1A-R16-A Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
91A1A-R16-A Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 5 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. NOTE: ALL MODEL 90 PERFORMANCE SPECIFICATIONS DO NOT APPLY TO UNITS SUBJECTED TO PRINTED CIRCUIT BOARD CLEANING PROCEDURES, EXCEPT FOR THE SEALED VERSION (MODEL 96). 1 AT ROOM AMBIENT: +25 °C NOMINAL AND 50 % RELATIVE HUMIDITY NOMINAL, EXCEPT AS NOTED. 91, 92, 93, 94, 95, 96, 99 - 5/8 ” Square Single-Turn Panel Control 99 - 5/8 ” Square Single-Turn Panel Control with Rotary Switch Mechanical Characteristics1 Stop Strength (1/4 ” D shaft)......................................................................................................................................................................45.19 N-cm (4 lb.-in.) (1/8 ” D shaft) ....................................................................................................................................................................33.89 N-cm (3 lb.-in.) Mechanical Angle ........................................................................................................................................................................................................300 ° ±5 ° Torque Starting ....................................................................................................................................................................0.3 max. above average running torque Running Torque Single or Dual Section (A ,D & R Bushings) ..............................................................................................................0.21 to 1.06 N-cm (0.3 to 1.5 oz.-in.) Single or Dual Section (C & U Bushings) ..................................................................................................................0.14 to 1.06 N-cm (0.2 to 1.5 oz.-in.) Mounting ............................................................................................................................................(Metal Bushing) 1.7-2.0 N-m (15-18 lb.-in.) maximum Plastic Bushing) 56-79 N-cm (5-7 lb.-in.) maximum Variation ................................................................................................................................................0.35 N-cm (0.5 oz.-in.) maximum in 45 ° shaft travel Weight (Single Section) ..................................................................................................................................................................................7 grams maximum (Each Additional Section) ..........................................................................................................................................................................4 grams maximum Terminals..........................................................................................................................................................Printed circuit terminals, J-Hooks or solder lugs Soldering Condition ......................................................................Recommended hand soldering using Sn95/Ag5 no clean solder, 0.025 ” wire diameter. Maximum temperature 399 °C (750 °F) for 3 seconds. No wash process to be used with no clean flux. Marking............................................................................................................Manufacturer’s trademark, date code, resistance, manufacturer’s part number Ganging (Multiple Section Potentiometers)......................................................................................................................................................2 cups maximum Hardware ............................................One lockwasher and one mounting nut is shipped with each potentiometer, except where noted in the part number. Potentiometer Specifications |