| Zakładka z wyszukiwarką danych komponentów |
|
HCPL-4562 Arkusz danych(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HCPL-4562 Arkusz danych(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 17 page ![]() 2 HCPL-4562 Schematic IF 8 6 5 GND VCC 2 3 VO ICC VF IO ANODE CATHODE + – 7 VB IB Schematic To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: HCPL-4562-520E to order product of Gull Wing Surface Mount package in Tape and Reel packaging with UL 5000 Vrms/1 minute rating and RoHS compliant. Example 2: HCNW4562 to order product of 8-Pin Widebody DIP package in Tube packaging with IEC/EN/DIN EN 60747-5- 2 VIORM = 1414 Vpeak Safety Approval and UL 5000 Vrms/1 minute rating and non RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation‘#XXX’is used for existing products, while (new) products launched since July 15, 2001 and RoHS compliant will use ‘–XXXE.’ Selection Guide Single Channel Packages 8-Pin DIP Widebody (300 Mil) (400 Mil) HCPL-4562 HCNW4562 Ordering Information HCPL-4562 is UL Recognized with 3750 Vrms for 1 minute per UL1577 unless otherwise specified. HCNW4562 is UL Recognized with 5000 Vrms for 1 minute per UL1577. Option Part RoHS non RoHS Surface Gull Tape UL 5000 Vrms/ IEC/EN/DIN Number Compliant Compliant Package Mount Wing & Reel 1 Minute rating EN 60747-5-2 Quantity -000E no option 300 mil DIP-8 50 per tube -300E #300 X X 50 per tube -500E #500 X X X 1000 per reel HCPL-4562 -020E #020 X 50 per tube -320E #320 X X X 50 per tube -520E #520 X X X X 1000 per reel -060E #060 X[1] 50 per tube -000E no option 400 mil X X[2] 42 per tube HCNW4562 -300E #300 Widebody X X X X[2] 42 per tube -500E #500 DIP-8 X X X X X[2] 750 per reel Notes: 1. IEC/EN/DIN EN 60747-5-2 V IORM = 630 Vpeak Safety Approval. 2. IEC/EN/DIN EN 60747-5-2 V IORM = 1414 Vpeak Safety Approval. |