| Zakładka z wyszukiwarką danych komponentów |
|
488 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
488 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers |
|
|
1 / 1 page ![]() 87 FERRULES ROUND INSTRUMENTATION HANDLES FERRULES FOR ROUND HANDLES THREAD A B D C R E • To protect and support panel surface HANDLE MOUNTING SCREWS MATERIAL: Stainless Steel • Phillips drive pan head machine screws L THREAD BRASS ALUMINUM A B D E R C CAT. NO. CAT. NO. MTG. CTRS. HEIGHT DEPTH THREAD RADIUS DIAMETER 7140 7170 1.250 (31.8) 1.000 (25.4) 7141 7171 2.000 (50.8) 1.000 (25.4) .375 (9.5) 4-40 .156 (4.0) .156 (4.0) 7142 7172 3.000 (76.2) 1.000 (25.4) 9100 9110 1.250 (31.8) .625 (15.9) 9101 9111 1.500 (38.1) .625 (15.9) 9104 9114 1.500 (38.1) .750 (19.1) .156 (4.0) 4-40 .187 (4.7) .187 (4.7) 9102 9112 1.750 (44.5) .625 (15.9) 9105 9115 1.750 (44.5) .750 (19.1) 9103 9113 2.000 (50.8) .625 (15.9) 9106 9116 1.250 (31.8) 1.000 (25.4) 9107 9117 1.500 (38.1) 1.000 (25.4) .250 (6.4) 6-32 .187 (4.7) .187 (4.7) 9108 9118 2.000 (50.8) 1.000 (25.4) 9109 9119 3.000 (76.2) 1.000 (25.4) 7143 7173 3.000 (76.2 ) 1.500 (38.1) 485 515 3.000 (76.2) 1.750 (44.5) 480 510 3.500 (88.9) 1.500 (38.1) 7144 7174 4.000 (101.6) 1.500 (38.1) 486 516 4.000 (101.6) 1.750 (44.5) 481 511 4.500 (114.3) 1.500 (38.1) .562 (14.3) 8-32 .250 (6.4) .250 (6.4) 487 517 4.500 (114.3) 1.750 (44.5) 482 512 5.000 (127.0) 1.500 (38.1) 488 518 5.000 (127.0) 1.750 (44.5) 483 513 5.500 (139.7) 1.500 (38.1) 484 514 6.000 (152.4) 1.500 (38.1) 489 519 6.000 (152.4) 1.750 (44.5) 7145 7175 3.000 (76.2) 1.500 (38.1) 7146 7176 4.000 (101.6) 1.500 (38.1) 493 523 4.000 (101.6) 1.750 (44.5) 490 520 4.500 (114.3) 1.500 (38.1) 494 524 4.500 (114.3) 1.750 (44.5) 7147 7177 4.562 (115.9) 1.500 (38.1) .562 (14.3) 10-32 .312 (7.9) .312 (7.9) 491 521 5.000 (127.0) 1.500 (38.1) 495 525 5.000 (127.0) 1.750 (44.5) 492 522 5.500 (139.7) 1.500 (38.1) 7148 7178 6.000 (152.4) 1.500 (38.1) 496 526 6.000 (152.4) 1.750 (44.5) 7149 7179 6.437 (163.5) 1.750 (44.5) 7150 7180 4.000 (101.6) 1.375 (34.9) .375 (9.5) 10-32 .375 (9.5) .375 (9.5) 7151 7181 6.000 (152.4) 1.375 (34.9) BRASS ALUMINUM FOR FOR CAT. NO. CAT. NO. THREAD DIAMETER O.D. I.D. T 7162 7192 4-40 .156 .250 .120 .125 (4.0) (6.4) (3.0) (3.2) 9120 9122 4-40 .187 .312 .120 .125 (4.7) (7.9) (3.0) (3.2) 9121 9123 6-32 .187 .312 .144 .125 (4.7) (7.9) (3.7) (3.2) 7163 7193 8-32 .250 .375 .170 .187 (6.4) (9.5) (4.3) (4.7) 7164 7194 10-32 .312 .562 .196 .250 (7.9) (14.3) (5.0) (6.4) CAT. L DRIVER NO. LENGTH THREAD SIZE 9900 .250 (6.4) 9901 .375 (9.5) 4-40 1 9902 .500 (12.7) 9903 .250 (6.4) 9904 .375 (9.5) 6-32 2 9905 .500 (12.7) 9906 .375 (9.5) 9907 .500 (12.7) 8-32 2 9908 .750 (19.1) 9909 .375 (9.5) 9910 .500 (12.7) 10-32 2 9911 .750 (19.1) Tel (718) 956-8900 • Fax (718) 956-9040 (800) 221-5510 • kec@keyelco.com www.keyelco.com 31-07 20th Road – Astoria, NY 11105-2017 RoHS COMPLIANT ~ ISO 9001 CERTIFIED ® O.D. I.D. T MATERIAL: Brass: ASTM-B16, Nickel Plate Aluminum: QQ-A-200, Alloy 6061-T6, Black Anodized per MIL-A-8625 MATERIAL: Brass: ASTM-B16, Nickel Plate Aluminum: QQ-A-200, Alloy 6061-T6, Black Anodized per MIL-A-8625 CHOICE of BRASS or ALUMINUM M60Section5FREV2-color 4/4/13 5:15PM Page87 |
Podobny numer części - 488 |
|
Podobny opis - 488 |