Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RLW2012-4-R025F Arkusz danych(PDF) 2 Page - Delta Electronics, Inc.

Numer części RLW2012-4-R025F
Szczegółowy opis  1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DELTA [Delta Electronics, Inc.]
Strona internetowa  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RLW2012-4-R025F Arkusz danych(HTML) 2 Page - Delta Electronics, Inc.

  RLW2012-4-R025F Datasheet HTML 1Page - Delta Electronics, Inc. RLW2012-4-R025F Datasheet HTML 2Page - Delta Electronics, Inc. RLW2012-4-R025F Datasheet HTML 3Page - Delta Electronics, Inc. RLW2012-4-R025F Datasheet HTML 4Page - Delta Electronics, Inc. RLW2012-4-R025F Datasheet HTML 5Page - Delta Electronics, Inc. RLW2012-4-R025F Datasheet HTML 6Page - Delta Electronics, Inc. RLW2012-4-R025F Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SRL40000NH
REVISION
: A0
PAGE
: 2 OF 7
4. Ratings
4-1 Specification
Power Rating*
1/2 W
Resistance Range
0.005
Ω~0.030Ω
Resistance Tolerance
±1% , ±2% , ±5%
Temperature Coefficient of Resistance
0~200ppm/℃
Note*:
Power Rating is based on continuous full load operation at rated ambient temperature of 70℃.
For resistors operated at ambient temperature in excess of 70℃, the maximum load shall be
derated in accordance with the following curve.
Figure 2
Derating Curve
4-2 Rated Voltage
The rated voltage shall be determined by the following expression.
R
P
V
×
=
Where V:Rated voltage (V)
R:Nominal resistance value (
Ω)
P:Rated dissipation (W)
4-3 Operating and Storage Temperature Range
-55 to +125℃
-55
0
70
125
℃
100
50
%
Percentage of the
rated dissipation
Ambient temperature



Html Pages

1 2 3 4 5 6 7