| Zakładka z wyszukiwarką danych komponentów |
|
RLT0816-3-R100F Arkusz danych(PDF) 1 Page - Delta Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RLT0816-3-R100F Arkusz danych(HTML) 1 Page - Delta Electronics, Inc. |
|
1 / 9 page ![]() PAGE 1 OF 9 TITLE : 台達電子工業股份有限公司 台達電子工業股份有限公司 台達電子工業股份有限公司 台達電子工業股份有限公司 Delta Electronics, Inc. DOCUMENT NO. SRK330000NH PAGE REV. A0 THIS DRAWINGS AND SPECIFICATIONS ARE THE PROPERTY OF Delta Electronics, Inc. AND SHALL NOT BE REPRODUCED OR USED AS THE BASIS FOR THE MANUFACTURE OR SALE OF APPARATUS OR DEVICES WITHOUT PERMISSION UNLESS OTHERWISE SPECIFIED TOLERANCES ON ﹕ X = ± X.X = ± X.XX = ± ANGLES ± HOLE DIA. ± SCALE : UNIT : The Engineering Specification for RLT0816 1/4W Low Resistance Chip Resistor 1/4W, 0603, Low Resistance Chip Resistor (Lead / Halogen Free) 1. Scope This specification applies to1.6mm x 0.8mm size 1/4W, fixed thick film low resistance value chip resistors rectangular type. 2. Type Designation RLT0816 - 3 - □□□□ □ (1) (2) (3) (4) Where (1) Size No . (2) Power Rating: 3 = 1/4W (3) Resistance value: Refer to paragraph 4-1 For example -- Four digits of number R100 = 0.1 Ω 1R00 = 1.0 Ω The “R” shall be used as a decimal point (4) Resistance tolerance: F = ±1%, G = ±2%, J = ±5% 3. Outline Dimensions L W a a t b Code Letter Dimension L 1.60 ± 0.15 W 0.80 ± 0.15 t 0.45 ± 0.10 a 0.30 ± 0.20 b 0.30 ± 0.20 Unit : mm |
Podobny numer części - RLT0816-3-R100F |
|
Podobny opis - RLT0816-3-R100F |