| Zakładka z wyszukiwarką danych komponentów |
|
LTC4053 Arkusz danych(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4053 Arkusz danych(HTML) 2 Page - Linear Technology |
|
2 / 16 page ![]() 2 LTC4065/LTC4065A 4065fb SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VCC VCC Supply Voltage (Note 4) ● 3.75 5.5 V ICC Quiescent VCC Supply Current VBAT = 4.5V (Forces IBAT and IPROG = 0) ● 120 250 µA ICCMS VCC Supply Current in Shutdown VEN = 5V (LTC4065) or Float PROG (LTC4065A) ● 20 40 µA ICCUV VCC Supply Current in Undervoltage VCC < VBAT, VCC = 3.5V, VBAT = 4V ● 611 µA Lockout VFLOAT VBAT Regulated Output Voltage IBAT = 2mA 4.175 4.2 4.225 V IBAT = 2mA, 0°C < TA < 85°C 4.158 4.2 4.242 V IBAT BAT Pin Current RPROG = 10k (0.1%), Current Mode ● 88 100 112 mA RPROG = 2k (0.1%), Current Mode ● 475 500 525 mA IBMS Battery Drain Current in Shutdown VEN = VCC (LTC4065), ● –1 0 1 µA Mode VPROG > VMS,PROG (LTC4065A) IBUV Battery Drain Current in Undervoltage VCC = 3.5V, VBAT = 4V ● 014 µA Lockout VUVLO VCC Undervoltage Lockout Voltage VCC Rising ● 3.4 3.6 3.8 V VCC Falling ● 2.8 3.0 3.2 V VPROG PROG Pin Voltage RPROG = 2k, IPROG = 500µA ● 0.98 1 1.02 V RPROG = 10k, IPROG = 100µA ● 0.98 1 1.02 V VASD Automatic Shutdown Threshold (VCC – VBAT), VCC Low to High 60 82 100 mV Voltage (VCC – VBAT), VCC High to Low 15 32 45 mV VMSH Manual Shutdown High Voltage VEN Rising 1 V (LTC4065) VMSL Manual Shutdown Low Voltage VEN Falling 0.6 V (LTC4065) REN EN Pin Input Resistance ● 0.95 1.5 3.3 M Ω VCC t < 1ms and Duty Cycle < 1% ................. – 0.3V to 7V Steady State ........................................... – 0.3V to 6V BAT, CHRG ................................................. –0.3V to 6V EN (LTC4065), ACPR (LTC4065A) .. –0.3V to VCC + 0.3V PROG .............................................. –0.3V to VCC + 0.3V BAT Short-Circuit Duration ........................... Continuous BAT Pin Current ................................................. 800mA PROG Pin Current ............................................... 800 µA Junction Temperature (Note 6) ............................ 125 °C Operating Temperature Range (Note 2) .. – 40 °C to 85°C Storage Temperature Range ................ – 65 °C to 125°C ABSOLUTE AXI U RATI GS PACKAGE/ORDER I FOR ATIO (Note 1) The ● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. VCC = 5V, VBAT = 3.8V, VEN = 0V (LTC4065 only) unless otherwise specified. (Note 2) ELECTRICAL CHARACTERISTICS TJMAX = 125°C, θJA = 60°C/W (NOTE 3) EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB *EN PIN 5 ON LTC4065EDC, ACPR PIN 5 ON LTC4065AEDC ORDER PART NUMBER DC PART MARKING Consult LTC Marketing for parts specified with wider operating temperature ranges. LTC4065EDC LTC4065AEDC LBPG LBVJ Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/ TOP VIEW 7 DC PACKAGE 6-LEAD (2mm × 2mm) PLASTIC DFN 4 5 6 3 2 1 GND CHRG BAT PROG EN/ACPR* VCC |