Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSD2007 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części SSD2007
Szczegółowy opis  Dual N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSD2007 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  SSD2007 Datasheet HTML 1Page - Fairchild Semiconductor SSD2007 Datasheet HTML 2Page - Fairchild Semiconductor SSD2007 Datasheet HTML 3Page - Fairchild Semiconductor SSD2007 Datasheet HTML 4Page - Fairchild Semiconductor SSD2007 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig 10. Threshold Voltage
Fig 9. Gate Charge vs. Gate-Source Voltage
Fig 8. Source-Drain Diode Forward Voltage
P
DM
t
1
t
2
Fig 7. Nomalized Effective Transient Thermal Impedance, Junction-to-Amdient
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
0.01
0.1
1
Single Pulse
0.05
Duty Cycle=0.5
0.2
0.1
0.02
@ Notes :
1. R
θ JA
(t)=62.5
o C/W Max.
2. Duty Factor, D=t
1 /t2
3. T
JM -TA =PDM *Z
θ JA
(t)
4. Surface Mounted
Square Wave Pulse Duration
[sec]
02
46
8
10
0
5
10
V
DD = 25 V
I
D
= 1.3A
Q
G , Total Gate Charge
[nC]
0.0
0.4
0.8
1.2
1.6
2.0
2.4
10
0
10
1
10
2
T
J=150
oC
T
J
=25
oC
V
SD , Source-Drain Voltage
[V]
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
I
D
= 250
µA
T
J , Junction Temperature
[
oC]
SSD2007A
Dual N-CHANNEL
POWER MOSFET



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com