Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD05-7 Arkusz danych(PDF) 2 Page - Diodes Incorporated

Numer części SD05-7
Szczegółowy opis  UNI-DIRECTIONAL SURFACE MOUNT TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD05-7 Arkusz danych(HTML) 2 Page - Diodes Incorporated

  SD05-7 Datasheet HTML 1Page - Diodes Incorporated SD05-7 Datasheet HTML 2Page - Diodes Incorporated SD05-7 Datasheet HTML 3Page - Diodes Incorporated SD05-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD05
Document number: DS31594 Rev. 5 - 2
2 of 4
www.diodes.com
November 2012
© Diodes Incorporated
SD05
0
25
50
75
100 125
150 175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Pulse Derating Curve
A
0
30
60
90
120
150
180
210
240
270
300
01
2
3
4
5
V , REVERSE VOLTAGE (V)
Fig.
Typical Total Capacitance vs. Reverse Voltage
R
2
f = 1MHz
0
t, TIME ( s)
Fig. 3 Pulse Waveform
μ
20
40
60
100
50
0
0.1
1.0
10
100
1,000
0.01
1.0
10
100
0.1
t , PULSE WIDTH (µs)
Fig. 4 Pulse Rating Curve
p
1
10
110
100
NUMBER OF CYCLES
Fig. 5 Maximum Non-Repetitive Surge Current
T = 25°C
A
Pulse Width 8.3ms
Single Half-Sine-Wave



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com